Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDZ191P Datasheet(HTML) 4 Page - Fairchild Semiconductor

Part No. FDZ191P
Description  P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDZ191P Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
FDZ191P Rev.F (W)
www.fairchildsemi.com
4
Figure 7.
02
468
10
12
0
1
2
3
4
5
ID = -1V
VDD = -15V
VDD = -10V
VDD = -5V
Qg, GATE CHARGE(nC)
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1000
20
50
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
2000
CapacitancevsDrain
to Source Voltage
Figure 9.
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
A, CASE TEMPERATURE (
oC)
VGS = - 2.5V
VGS = -4.5V
RθJA = 83
oC/W
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 10.
0.1
1
10
0.01
0.1
1
10
80
DC
1s
100ms
10ms
1ms
100us
SINGLE PULSE
TJ = MAX RATED
TA = 25OC
OPERATION IN THIS
AREA MAY BE
LIMITED BY r
DS(on)
-VDS, DRAIN to SOURCE VOLTAGE (V)
30
Forward Bias Safe
Operating Area
Figure 11. Single Pulse Maximum Power Dissipation
10
3
10
2
10
1
10
0
10
1
10
2
10
3
1
10
0.5
V
GS = -10V
SINGLE PULSE
t, PULSE WIDTH (s)
50
TA = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS
150 TA
125
-----------------------
Typical Characteristics T
J = 25°C unless otherwise noted


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn