Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2305 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM2305
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2305 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APM2305 Datasheet HTML 1Page - Anpec Electronics Coropration APM2305 Datasheet HTML 2Page - Anpec Electronics Coropration APM2305 Datasheet HTML 3Page - Anpec Electronics Coropration APM2305 Datasheet HTML 4Page - Anpec Electronics Coropration APM2305 Datasheet HTML 5Page - Anpec Electronics Coropration APM2305 Datasheet HTML 6Page - Anpec Electronics Coropration APM2305 Datasheet HTML 7Page - Anpec Electronics Coropration APM2305 Datasheet HTML 8Page - Anpec Electronics Coropration APM2305 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jan., 2003
www.anpec.com.tw
6
APM2305
Packaging Information
D
E
H
S
e
A
A1
L
C
B
3
2
1
M illim et er s
I nc he s
Dim
Mi n.
Ma x.
Mi n.
Ma x.
A
1 .00
1 .30
0 .039
0 . 051
A1
0 . 00
0 . 10
0 . 000
0 .004
B
0 .35
0 .51
0 .014
0 . 020
C
0 .10
0 .25
0 .004
0 . 010
D
2 .70
3 .10
0 .106
0 . 122
E
1 .40
1 .80
0 .055
0 . 071
e
1 .90 BSC
0 .075 BSC
H
2 .40
3 .00
0 .094
0 . 11 8
L
0 .37
0 .001 5
SOT-23


Similar Part No. - APM2305

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM2305AC VBSEMI-APM2305AC Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - APM2305

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com