Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW3007 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW3007
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW3007 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW3007 Datasheet HTML 1Page - Anpec Electronics Coropration APW3007 Datasheet HTML 2Page - Anpec Electronics Coropration APW3007 Datasheet HTML 3Page - Anpec Electronics Coropration APW3007 Datasheet HTML 4Page - Anpec Electronics Coropration APW3007 Datasheet HTML 5Page - Anpec Electronics Coropration APW3007 Datasheet HTML 6Page - Anpec Electronics Coropration APW3007 Datasheet HTML 7Page - Anpec Electronics Coropration APW3007 Datasheet HTML 8Page - Anpec Electronics Coropration APW3007 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Jun., 2003
APW3007
www.anpec.com.tw
5
Electrical Characteristics Cont.
APW3007
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Synchronous PWM Controller Error Amplifier
DC Gain
88
dB
GBWP Gain-Bandwidth Product
15
MHz
SR
Slew Rate
COMP1 = 10pF
6
V/
µS
PWM Controller Gate Drive
I
UGATE
UGATE Source
V12 = 12V , V
UGATE = 6V
1
A
R
UGATE
UGATE Sink
V
UGATE-PHASE =1V
3.5
I
LGATE
LGATE Source
V12 = 12V , V
LGATE = 1V
1
A
R
LGATE
LGATE Sink
V
LGATE = 1V
3
Protection
VSEN1 O.V. Upper trip point
VSEN1 ramping up
117
%
VSEN1 O.V. lower trip point
VSEN1 ramping down
115
%
I
OVP
FAULT Souring Current
V
FAULT/RT=2.0V
8.5
mA
I
OCSET
OCSET Current Source
V
OCSET=4.5VDC
170
200
230
µA
R
SS
Pull up resistor to 5V
OCSET=0V , Phase=5V
23
K
Power Good
VSEN1 Upper Threshold
VSEN1 Rising
110
%
VSEN1 Under Voltage
VSEN1 Rising
94
%
VSEN1 Hysteresis
Upper /Lower Threshold
2
%
V
PGOOD-L PGOOD Voltage Low
RL = 3mA
0.4
V
V
PGOOD-H PGOOD Voltage High
RL = 5k
Ω Pull up to 5V
4.8
V


Similar Part No. - APW3007

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW34063 ANPEC-APW34063 Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
APW34063J ANPEC-APW34063J Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
APW34063JC-TR ANPEC-APW34063JC-TR Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
APW34063JC-TRL ANPEC-APW34063JC-TRL Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
APW34063JC-TU ANPEC-APW34063JC-TU Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
More results

Similar Description - APW3007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com