Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6160-2S Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TDA6160-2S
Description  Multistandard Sound IF
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6160-2S Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TDA6160-2S Datasheet HTML 6Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 7Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 8Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 9Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 10Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 11Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 12Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 13Page - Siemens Semiconductor Group TDA6160-2S Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Semiconductor Group
135
Telegram Examples
Start-AB-DB1-DB2-CI-Stop
Start = start condition
AB
= address byte
Start-AB-CI-DB1-DB2-Stop
DB1 = divider byte 1
Start-AB-DB1-Stop
DB2 = divider byte 2
CI
= control information
Start-AB-CI-Stop
Stop = stop condition
Converter Mixer + VCO
In the converter mixer the sound subcarriers (frequency band approx. 5 to 9 MHz) contained in the
baseband of the received composite signal are converted to an output frequency of 10.52 MHz or
10.7 MHz for example. The two mixer outputs are designed as open-collector outputs.
The VCO has internal feedback and its frequency of 15.5 to 19.7 MHz is determined by an external
resonant circuit with a varactor diode that is tuned by the PLL. The resonant circuit is connected to
the supply voltage by its low side.
IF-Limiter with Demodulators
The limiter amplifiers are implemented as balanced five-stage, capacitively coupled differential
amplifiers. All there limiter inputs have a common reference (pin 22).
The output signals of the limiter amplifiers are fed direct and via an external phase-shifter circuit to
the coincidence demodulators. The AF-signals can be brought out an disconnectible (by Z2, Z1, Z0)
AF output stages. The outputs are high-impedance when they are disconnected.
TDA 6160-2S


Similar Part No. - TDA6160-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
More results

Similar Description - TDA6160-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
Siemens Semiconductor G...
TDA2460-2 SIEMENS-TDA2460-2 Datasheet
372Kb / 14P
   MULTISTANDARD AM FM SOUND IF IC
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com