Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7226C Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC7226C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7226C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7226C Datasheet HTML 2Page - Texas Instruments TLC7226C Datasheet HTML 3Page - Texas Instruments TLC7226C Datasheet HTML 4Page - Texas Instruments TLC7226C Datasheet HTML 5Page - Texas Instruments TLC7226C Datasheet HTML 6Page - Texas Instruments TLC7226C Datasheet HTML 7Page - Texas Instruments TLC7226C Datasheet HTML 8Page - Texas Instruments TLC7226C Datasheet HTML 9Page - Texas Instruments TLC7226C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060E – JANUARY 1995 – REVISED JANUARY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VDD
0 V
VDD
0 V
VDD
0 V
Data
Address
WR
tsu(DW)
th(DW)
th(AW)
tw
tsu(AW)
NOTES: A. tr = tf = 20 ns over VDD range.
B. The timing measurement reference level is equal to VIH + VIL
divided by 2.
C. The selected input latch is transparent while WR is low. Invalid
data during this time can cause erroneous outputs.
Figure 1. Write-Cycle Voltage Waveforms
TYPICAL CHARACTERISTICS
Figure 2
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
200
150
100
50
0
–0.1
–0.2
–0.3
–0.4
–2
–10
1
2
VO – Output Voltage – V
Source Current
Short-Circuit
Limiting
Sinking
Current Source
TA = 25°C
VSS = –5 V
Digital In = 0 V
VDD = 15 V
Figure 3
200
100
600
0
01
2
3
4
5
6
400
300
500
OUTPUT CURRENT (SINK)
vs
OUTPUT VOLTAGE
700
78
9
10
TA = 25°C
VDD = 15 V
VSS = –5 V
VSS = 0
VO – Output Voltage – V


Similar Part No. - TLC7226C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226C TI-TLC7226C Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDW TI-TLC7226CDW Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDW TI1-TLC7226CDW Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDWG4 TI-TLC7226CDWG4 Datasheet
601Kb / 25P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226CDWG4 TI1-TLC7226CDWG4 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com