Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4202 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TFDU4202
Description  Integrated Low Profile Transceiver Module for Telecom ApplicationsIrDA Standard
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4202 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TFDU4202 Datasheet HTML 4Page - Vishay Siliconix TFDU4202 Datasheet HTML 5Page - Vishay Siliconix TFDU4202 Datasheet HTML 6Page - Vishay Siliconix TFDU4202 Datasheet HTML 7Page - Vishay Siliconix TFDU4202 Datasheet HTML 8Page - Vishay Siliconix TFDU4202 Datasheet HTML 9Page - Vishay Siliconix TFDU4202 Datasheet HTML 10Page - Vishay Siliconix TFDU4202 Datasheet HTML 11Page - Vishay Siliconix TFDU4202 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TFDU4203
Vishay Semiconductors
Rev. A1.1, 13-Feb-03
8 (12)
www.vishay.com
Document Number 82542
Recommended SMD Pad Layout
0.5
7 x 0.8
8
0.8
1
2.3
Transceiver leads to be soldered symmetrically on pads
Figure 2. Pad Layout
Temperature Derating
50
55
60
65
70
75
80
85
90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Operating Voltage [V] @ duty cycle 20%
°
Figure 3. shows the maximum operating temperature
when the device is operated without external current
limiting resistor. A power dissipating resistor of 2
Ω is
recommended from the cathode of the IRED to Ground
for supply voltages above 4 V. In that case the device can
be operated up to 85
°C, too.
Table 1. Truth table
Inputs
Outputs
SD
Txd
Optical input Irradiance
mW/ m2
Rxd
Transmitter
high
x
x
floating
0
low
high
x
high
Ie
low
high > 25
µs
x
high
0
low
low
< 4
high
0
low
low
> Min Detection
Threshold Irradiance
< Max Detection
Threshold Irradiance
low
0
low
low
> Max Detection
Threshold Irradiance
x
0


Similar Part No. - TFDU4202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4202 VISHAY-TFDU4202 Datasheet
208Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Rev. 1.8, 05-Dec-05
TFDU4202-TR1 VISHAY-TFDU4202-TR1 Datasheet
208Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Rev. 1.8, 05-Dec-05
TFDU4202-TR3 VISHAY-TFDU4202-TR3 Datasheet
208Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Rev. 1.8, 05-Dec-05
More results

Similar Description - TFDU4202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4202 VISHAY-TFDU4202 Datasheet
208Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Rev. 1.8, 05-Dec-05
TFDU5107 VISHAY-TFDU5107 Datasheet
233Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications
Rev. A1.4, 01-Nov-02
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
   Integrated Infrared Transceiver Module IrDA (SIR)
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
   IrDA Transceiver Module
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
Rev. 1.3, 21-Feb-07
TFDU5307 VISHAY-TFDU5307 Datasheet
270Kb / 17P
   Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
Rev. 1.5, 07-Apr-06
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com