Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3617-50 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3617-50
Description  BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3617-50 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3617-50 Datasheet HTML 4Page - Texas Instruments TPS3617-50 Datasheet HTML 5Page - Texas Instruments TPS3617-50 Datasheet HTML 6Page - Texas Instruments TPS3617-50 Datasheet HTML 7Page - Texas Instruments TPS3617-50 Datasheet HTML 8Page - Texas Instruments TPS3617-50 Datasheet HTML 9Page - Texas Instruments TPS3617-50 Datasheet HTML 10Page - Texas Instruments TPS3617-50 Datasheet HTML 11Page - Texas Instruments TPS3617-50 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPS361750
BATTERY BACKUP SUPERVISOR
FOR RAM RETENTION
SLVS339B – DECEMBER 2000 – REVISED DECEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
1.65
5.5
V
Battery supply voltage, VBAT
1.5
5.5
V
Input voltage, VI
0
VDD + 0.3
V
High-level input voltage, VIH
0.7 x VDD
V
Low-level input voltage, VIL
0.3 x VDD
V
Continuous output current at VOUT, IO
300
mA
Input transition rise and fall rate at MR,
∆t/∆V, WDI
100
ns/V
Slew rate at VDD or VBAT
1
V/
µs
Operating free-air temperature range, TA
–40
85
°C
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 1.8 V, IOH = –400 µA
VDD – 0.2 V
VOH
High level output voltage
RESET
VDD = 3.3 V, IOH = –2 mA
VDD = 5 V,
IOH = –3 mA
VDD – 0.4 V
V
VOH
High-level output voltage
VDD = 1.8 V, IOH = –20 µA
VDD – 0.3 V
V
PFO
VDD = 3.3 V, IOH = –80 µA
VDD = 5 V,
IOH = –120 µA
VDD – 0.4 V
RESET
VDD = 1.8 V, IOL = 400 µA
0.2
VOL
Low-level output voltage
RESET
PFO
VDD = 3.3 V, IOL = 2 mA
VDD = 5 V,
IOL = 3 mA
0.4
V
Vres
Power-up reset voltage (see Note 2)
VBAT > 1.1 V, or
VDD > 1.1 V, IOL = 20 µA
0.4
V
IO = 8.5 mA,
VDD = 1.8 V, VBAT = 0 V
VDD – 50 mV
Normal mode
IO = 125 mA,
VDD = 3.3 V, VBAT = 0 V
VDD – 150 mV
VOUT
IO = 200 mA,
VDD = 5 V,
VBAT = 0 V
VDD – 200 mV
V
Batter back p mode
IO = 0.5 mA,
VBAT = 1.5 V, VDD = 0 V
VBAT – 20 mV
Battery-backup mode
IO = 7.5 mA,
VBAT = 3.3 V, VDD = 0 V
VBAT – 113 mV
NOTE 2: The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.


Similar Part No. - TPS3617-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50DGK TI1-TPS3617-50DGK Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617-50DGKG4 TI1-TPS3617-50DGKG4 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617-50DGKR TI1-TPS3617-50DGKR Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results

Similar Description - TPS3617-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com