Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16VY Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAS16VY
Description  Triple high-speed switching diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16VY Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAS16VY Datasheet HTML 2Page - NXP Semiconductors BAS16VY Datasheet HTML 3Page - NXP Semiconductors BAS16VY Datasheet HTML 4Page - NXP Semiconductors BAS16VY Datasheet HTML 5Page - NXP Semiconductors BAS16VY Datasheet HTML 6Page - NXP Semiconductors BAS16VY Datasheet HTML 7Page - NXP Semiconductors BAS16VY Datasheet HTML 8Page - NXP Semiconductors BAS16VY Datasheet HTML 9Page - NXP Semiconductors BAS16VY Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 13856
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2004
6 of 12
Philips Semiconductors
BAS16VV; BAS16VY
Triple high-speed switching diodes
8.
Test information
Input signal: Reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty factor δ≤ 0.05.
Oscilloscope: Rise time tr = 0.35 ns.
(1) IR = 1 mA.
Fig 5.
Reverse recovery voltage test circuit and waveforms.
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50
IF
D.U.T.
Ri = 50
SAMPLING
OSCILLOSCOPE
mga881
Input signal: Forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty factor δ≤ 0.005.
Fig 6.
Forward recovery voltage test circuit and waveforms.
tr
t
tp
10 %
90 %
I
input
signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 k
450
D.U.T.
mga882
Vfr
t
output
signal
V


Similar Part No. - BAS16VY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16VY NXP-BAS16VY Datasheet
81Kb / 12P
   Triple high-speed switching diodes
Rev. 03 - 20 April 2007
BAS16VY NXP-BAS16VY Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
BAS16VY NXP-BAS16VY Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
BAS16VY NXP-BAS16VY Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS16VY NXP-BAS16VY Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS16VY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16VV NXP-BAS16VV Datasheet
81Kb / 12P
   Triple high-speed switching diodes
Rev. 03 - 20 April 2007
logo
Central Semiconductor C...
CMXD4448 CENTRAL-CMXD4448_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448 Datasheet
124Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com