Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0452 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HCPL-0452
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0452 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL-0452 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0452 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IF - INPUT FORWARD CURRENT (mA)
TA - TEMPERATURE (˚C)
Fig. 3 Current Tansfer Ratio vs. Input Forward Current
110
0
10
20
30
40
50
60
TA = 85˚C
TA = 70˚C
TA = 0˚C
TA = -40˚C
TA = 25˚C
Fig. 2 Current Transfer Ratio vs. Input Current
Fig. 1 Input Forward Current vs. Input Forward Voltage
IF - INPUT CURRENT (mA)
12
3
4
5
6 7 8 9 10
16
20
30
0.5
1.0
1.5
Normalized
IF = 16 mA
VO = 0.4 V
VCC = VO = 5 V
TA = 25˚C
Fig. 4 Current Transfer Ratio vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.6
0.7
0.8
0.9
1.0
1.1
Normalized
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25˚C
VF - INPUT FORWARD VOLTAGE (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.01
0.1
1
10
100
TA = 25˚C
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
SINGLE-CHANNEL
HCPL-0500
HCPL-0452
HCPL-0501
DS300393
2/28/01
5 OF 9
www.fairchildsemi.com


Similar Part No. - HCPL-0452

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0452 HP-HCPL-0452 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0452 HP-HCPL-0452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0452 AVAGO-HCPL-0452 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-0452 AVAGO-HCPL-0452 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0452-000E AVAGO-HCPL-0452-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0452

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com