Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1 Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # SM1
Description  2Watt Pulse, Electrostatically Shielded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SM1 Datasheet(HTML) 8 Page - Pulse A Technitrol Company

  SM1 Datasheet HTML 1Page - Pulse A Technitrol Company SM1 Datasheet HTML 2Page - Pulse A Technitrol Company SM1 Datasheet HTML 3Page - Pulse A Technitrol Company SM1 Datasheet HTML 4Page - Pulse A Technitrol Company SM1 Datasheet HTML 5Page - Pulse A Technitrol Company SM1 Datasheet HTML 6Page - Pulse A Technitrol Company SM1 Datasheet HTML 7Page - Pulse A Technitrol Company SM1 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
G008.A (2/00)
8
Mechanicals
TH11
GENERAL PURPOSE
TRANSFORMERS
Control Transformers
.200
5,08
.600
15,24
.400
10,16
.600
15,24
.500
MAX
12,70
.020
0,50
.500
MIN
12,70
2 WINDING
3 WINDING
.200
5,08
.750
MAX
19,05
1
3
5
2
4
6
PE-XXXXX
DATE CODE
CNTRY OF ORIGIN
.750
MAX
19,05
BOTTOM VIEWS
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.010
0,25
TH12
TH11
Except PE-61003
Weight ........... 8.6 grams ............................... 8.2 grams
Tube ................... 25/tube ................................... 25/tube
.810
MAX
20,58
.500
MIN
12,70
.020
MIN
0,50
.775
MAX
19,68
.940
MAX
23,87
1
3
5
2
4
6
PE-XXXXX
DATE CODE
CNTRY OF ORIGIN
.500
12,70
2 WINDING
.600
10,16
.500
12,70
3 WINDING
.300
5,08
.300
5,08
BOTTOM VIEWS
Dimensions: inches
mm
Unless otherwise specified, all tolerances are ±
.010
0,25
Part
Weight
Tube
Number
(Grams)
PE-61014
16.9
20
PE-61015
PE-61017
16.5
20
PE-61018
PE-61019
16.7
20
PE-61023
16.8
20
Printed on recycled paper. ©2000, Pulse Engineering, Inc.
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names
mentioned herein may be trademarks or registered trademarks of their respective owners.
For More Information :
UNITED STATES
(Worldwide)
12220 World Trade Drive
San Diego, CA 92128
Quick-Facts: 619 674 9672
http://www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
UNITED KINGDOM
(Northern Europe)
1 & 2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 287 8998
FAX: 65 280 0080
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
DISTRIBUTOR


Similar Part No. - SM1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
   Sound level meter
logo
List of Unclassifed Man...
SM1 ETC-SM1 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
logo
Bothhand USA, LP.
SM1-0505(H)LF BOTHHAND-SM1-0505(H)LF Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
SM1-0509(H)LF BOTHHAND-SM1-0509(H)LF Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
SM1-0512(H)LF BOTHHAND-SM1-0512(H)LF Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
More results

Similar Description - SM1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
   GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
logo
AIMTEC
AME2-AZ AIMTEC-AME2-AZ_16 Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
logo
Recom International Pow...
RI-XX33 RECOM-RI-XX33 Datasheet
91Kb / 2P
   2Watt SIP4 Single Output
logo
SCHOTT CORPORATION
22133 SCHOTT-22133 Datasheet
18Kb / 1P
   PULSE TRANSFORMER, 1 : 1 SHIELDED
logo
Winchester Electronics ...
SD1340-1 WINCHESTER-SD1340-1 Datasheet
63Kb / 1P
   BNC 50 2WATT TERMINAT10N M-F
logo
NXP Semiconductors
5083NW PHILIPS-5083NW Datasheet
278Kb / 10P
   Power Metal Film Resistor 2Watt
June 1995
logo
Frontier Electronics.
2ZS100B FRONTIER-2ZS100B Datasheet
121Kb / 2P
   2WATT SURFACE MOUNT ZENER DIODE
logo
CINCON ELECTRONICS Corp...
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com