Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA6589 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGA6589
Description  MMIC wideband medium power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA6589 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGA6589 Datasheet HTML 4Page - NXP Semiconductors BGA6589 Datasheet HTML 5Page - NXP Semiconductors BGA6589 Datasheet HTML 6Page - NXP Semiconductors BGA6589 Datasheet HTML 7Page - NXP Semiconductors BGA6589 Datasheet HTML 8Page - NXP Semiconductors BGA6589 Datasheet HTML 9Page - NXP Semiconductors BGA6589 Datasheet HTML 10Page - NXP Semiconductors BGA6589 Datasheet HTML 11Page - NXP Semiconductors BGA6589 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Scattering parameters
IS = 83 mA; VS =8V; PD = −30 dBm; ZO =50 Ω; Tamb =25 °C
f (MHz)
s11
s21
s12
s22
K-FACTOR
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
200
0.30
−6.87
16.61
161.86
0.04
2.38
0.34
−20.03
1.0
300
0.31
−10.91
16.18
153.02
0.04
3.66
0.34
−30.50
1.0
400
0.32
−15.72
15.59
144.39
0.04
5.17
0.34
−40.74
1.1
500
0.33
−21.0
14.91
136.01
0.04
6.75
0.34
−50.56
1.1
600
0.33
−26.44
14.19
128.12
0.04
8.67
0.34
−60.07
1.1
700
0.34
−32.08
13.51
120.88
0.04
10.94
0.33
−69.21
1.1
800
0.34
−37.75
12.77
114.19
0.04
13.65
0.33
−77.91
1.1
900
0.35
−43.18
11.88
107.40
0.04
15.15
0.32
−86.13
1.1
1000
0.35
−48.9
11.22
101.34
0.04
17.89
0.32
−94.01
1.1
1100
0.35
−54.2
10.64
95.86
0.04
19.93
0.31
−101.7
1.1
1200
0.35
−59.55
10.0
90.82
0.05
22.11
0.30
-109.1
1.1
1300
0.34
−64.78
9.39
85.46
0.05
24.10
0.30
−116.4
1.1
1400
0.34
−69.93
8.93
80.15
0.05
24.62
0.29
−123.6
1.1
1500
0.33
−74.81
8.54
75.95
0.05
25.98
0.28
−130.9
1.1
1600
0.33
−79.82
8.07
72.26
0.05
27.67
0.27
−138.2
1.1
1700
0.32
−84.88
7.60
67.95
0.06
28.69
0.26
−145.7
1.1
1800
0.31
−89.81
7.32
63.43
0.06
28.33
0.25
−153.6
1.1
1900
0.30
−94.89
7.08
59.81
0.06
28.44
0.24
−162.0
1.1
2000
0.29
−100.3
6.74
56.09
0.07
29.27
0.23
−170.7
1.1
2100
0.28
−105.9
6.46
51.84
0.07
29.17
0.23
179.99
1.1
2200
0.26
−111.8
6.28
48.02
0.07
28.46
0.22
170.17
1.2
2300
0.25
−118.0
6.07
45.0
0.08
28.37
0.22
160.16
1.2
2400
0.24
−125.2
5.78
41.33
0.08
28.17
0.22
149.59
1.1
2500
0.22
−132.8
5.61
36.72
0.08
26.46
0.23
139.39
1.2
2600
0.21
−141.3
5.51
33.15
0.09
24.85
0.24
129.67
1.0
2700
0.21
−153.3
5.33
30.04
0.09
24.72
0.28
120.55
1.2
2800
0.07
−127.7
6.44
28.98
0.12
24.46
0.28
80.88
1.2
2900
0.19
−167.20
4.88
19.14
0.10
20.48
0.27
105.15
1.2
3000
0.18
178.11
4.78
16.89
0.10
19.71
0.30
96.35
1.2
3100
0.18
165.13
4.57
16.56
0.11
18.98
0.32
89.48
1.0


Similar Part No. - BGA6589

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA6589 NXP-BGA6589 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-25 May 2009
BGA6589 NXP-BGA6589 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA6589

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA6289 NXP-BGA6289 Datasheet
84Kb / 12P
   MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6489,135 NXP-BGA6489,135 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6489 NXP-BGA6489 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6589 NXP-BGA6589 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-25 May 2009
BGA6489 PHILIPS-BGA6489 Datasheet
82Kb / 12P
   MMIC wideband medium power amplifier
2003 Sep 18
BGA6289 PHILIPS-BGA6289 Datasheet
84Kb / 12P
   MMIC wideband medium power amplifier
2003 Sep 18
logo
NEC
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com