Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1812 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1812
Description  Single/Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812 Datasheet(HTML) 4 Page - Linear Technology

  LT1812 Datasheet HTML 1Page - Linear Technology LT1812 Datasheet HTML 2Page - Linear Technology LT1812 Datasheet HTML 3Page - Linear Technology LT1812 Datasheet HTML 4Page - Linear Technology LT1812 Datasheet HTML 5Page - Linear Technology LT1812 Datasheet HTML 6Page - Linear Technology LT1812 Datasheet HTML 7Page - Linear Technology LT1812 Datasheet HTML 8Page - Linear Technology LT1812 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1818/LT1819
18189f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 9). VS = 5V, 0V; VCM = 2.5V, RL to 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.4
2.0
mV
TA = 0°C to 70°C
q
2.5
mV
TA = –40°C to 85°C
q
3.5
mV
∆VOS/∆T Input Offset Voltage Drift
(Note 7)
TA = 0°C to 70°C
q
10
15
µV/°C
TA = –40°C to 85°C
q
10
30
µV/°C
IOS
Input Offset Current
60
800
nA
TA = 0°C to 70°C
q
1000
nA
TA = –40°C to 85°C
q
1200
nA
IB
Input Bias Current
–2.4
±8
µA
TA = 0°C to 70°C
q
±10
µA
TA = –40°C to 85°C
q
±12
µA
en
Input Noise Voltage Density
f = 10kHz
6
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1.4
pA/
√Hz
RIN
Input Resistance
VCM = V
+ 1.5V to V+ – 1.5V
1.5
5
M
Differential
750
k
CIN
Input Capacitance
1.5
pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
3.5
4.2
V
TA = –40°C to 85°C
q
3.5
V
Input Voltage Range (Negative)
Guaranteed by CMRR
0.8
1.5
V
TA = –40°C to 85°C
q
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
73
82
dB
TA = 0°C to 70°C
q
71
dB
TA = –40°C to 85°C
q
70
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.25
±2V
TA = –40°C to 85°C
q
±2V
PSRR
Power Supply Rejection Ratio
VS = 4V to 11V
78
97
dB
TA = 0°C to 70°C
q
76
dB
TA = –40°C to 85°C
q
75
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
1.0
2
V/mV
TA = 0°C to 70°C
q
0.7
V/mV
TA = –40°C to 85°C
q
0.6
V/mV
VOUT = 1.5V to 3.5V, RL = 100Ω
0.7
4
V/mV
TA = 0°C to 70°C
q
0.5
V/mV
TA = –40°C to 85°C
q
0.4
V/mV
Channel Separation
VOUT = 1.5V to 3.5V, LT1819
81
100
dB
TA = 0°C to 70°C
q
80
dB
TA = –40°C to 85°C
q
79
dB
VOUT
Output Swing(Positive)
RL = 500Ω, 30mV Overdrive
3.9
4.2
V
TA = 0°C to 70°C
q
3.8
V
TA = –40°C to 85°C
q
3.7
V
RL = 100Ω, 30mV Overdrive
3.7
4
V
TA = 0°C to 70°C
q
3.6
V
TA = –40°C to 85°C
q
3.5
V
Output Swing(Negative)
RL = 500Ω, 30mV Overdrive
0.8
1.1
V
TA = 0°C to 70°C
q
1.2
V
TA = –40°C to 85°C
q
1.3
V
RL = 100Ω, 30mV Overdrive
1
1.3
V
TA = 0°C to 70°C
q
1.4
V
TA = –40°C to 85°C
q
1.5
V


Similar Part No. - LT1812

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
logo
List of Unclassifed Man...
LT1812 ETC1-LT1812 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1812 LINER-LT1812 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1812

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com