Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1816 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1816
Description  Single/Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1816 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1816 Datasheet HTML 7Page - Linear Technology LT1816 Datasheet HTML 8Page - Linear Technology LT1816 Datasheet HTML 9Page - Linear Technology LT1816 Datasheet HTML 10Page - Linear Technology LT1816 Datasheet HTML 11Page - Linear Technology LT1816 Datasheet HTML 12Page - Linear Technology LT1816 Datasheet HTML 13Page - Linear Technology LT1816 Datasheet HTML 14Page - Linear Technology LT1816 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1818/LT1819
18189f
APPLICATIO S I FOR ATIO
Slew Rate
The slew rate of the LT1818/LT1819 is proportional to the
differential input voltage. Highest slew rates are therefore
seen in the lowest gain configurations. For example, a 6V
output step with a gain of 10 has a 0.6V input step, whereas
at unity gain there is a 6V input step. The LT1818/LT1819
is tested for slew rate at a gain of –1. Lower slew rates
occur in higher gain configurations, whereas the highest
slew rate (2500V/
µs) occurs in a noninverting unity-gain
configuration.
Power Dissipation
The LT1818/LT1819 combine high speed and large output
drive in small packages. It is possible to exceed the
maximum junction temperature specification (150
°C)
under certain conditions. Maximum junction temperature
(TJ) is calculated from the ambient temperature (TA),
power dissipation per amplifier (PD) and number of ampli-
fiers (n) as follows:
TJ = TA + (n • PD • θJA)
Power dissipation is composed of two parts. The first is
due to the quiescent supply current and the second is due
to on-chip dissipation caused by the load current. The
worst-case load-induced power occurs when the output
voltage is at 1/2 of either supply voltage (or the maximum
swing if less than 1/2 the supply voltage). Therefore PDMAX
is:
PDMAX =(V+ – V) • (ISMAX) + (V+/2)2/RL or
PDMAX =(V+ – V) • (ISMAX) +
(V+ – VOMAX) • (VOMAX/RL)
Example: LT1819IS8 at 85
°C, VS = ±5V, RL = 100Ω
PDMAX = (10V) • (14mA) + (2.5V)2/100Ω = 202.5mW
TJMAX = 85°C + (2 • 202.5mW) • (150°C/W) = 146°C
Circuit Operation
The LT1818/LT1819 circuit topology is a true voltage
feedback amplifier that has the slewing behavior of a
current feedback amplifier. The operation of the circuit can
be understood by referring to the Simplified Schematic.
Complementary NPN and PNP emitter followers buffer the
inputs and drive an internal resistor. The input voltage
appears across the resistor, generating a current that is
mirrored into the high impedance node.
Complementary followers form an output stage that buffer
the gain node from the load. The input resistor, input stage
transconductance and the capacitor on the high imped-
ance node determine the bandwidth. The slew rate is
determined by the current available to charge the gain
node capacitance. This current is the differential input
voltage divided by R1, so the slew rate is proportional to
the input step. Highest slew rates are therefore seen in the
lowest gain configurations.


Similar Part No. - LT1816

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1816 LINER-LT1816 Datasheet
366Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
LT1816 LINER-LT1816 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1816 LINER-LT1816 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1816 LINER-LT1816 Datasheet
548Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
LT1816ACMS LINER-LT1816ACMS Datasheet
366Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
More results

Similar Description - LT1816

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com