Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2085DBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2085DBT
Description  SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2085DBT Datasheet(HTML) 4 Page - Texas Instruments

  BQ2085DBT Datasheet HTML 1Page - Texas Instruments BQ2085DBT Datasheet HTML 2Page - Texas Instruments BQ2085DBT Datasheet HTML 3Page - Texas Instruments BQ2085DBT Datasheet HTML 4Page - Texas Instruments BQ2085DBT Datasheet HTML 5Page - Texas Instruments BQ2085DBT Datasheet HTML 6Page - Texas Instruments BQ2085DBT Datasheet HTML 7Page - Texas Instruments BQ2085DBT Datasheet HTML 8Page - Texas Instruments BQ2085DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
bq2085
SLUS541 – OCTOBER 2002
4
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)
Supply voltage range, VDD relative to VSS (see Note 1)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Open-drain I/O pins, V(IOD) relative to VSS (see Note 1)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range to all other pins, VI relative to VSS (see Note 1)
–0.3 V to VDD + 0.3V
. . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: VSS refers to the common node of V(SSA), V(SSD), and V(SSP).
ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 3.6 V, TA = –20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
VDDA and VDDD
3.0
3.3
3.6
V
IDD
Operating current
No flash programming
450
µA
I(SLP)
Low-power storage mode current
Hibernate mode
1
µA
V(OLS)
Output voltage low: (LED1–LED5)
I(OLS) = 10 mA
0.4
V
VIL
Input voltage low DISP
–0.3
0.8
V
VIH
Input voltage high DISP
2
VCC + 0.3
V
VOL
Output voltage low SMBC, SMBD, SDATA, SCLK,
EVENT, SAFE
IOL = 0.5 mA
0.4
V
V(ILS)
Input voltage low SMBC, SMBD, SDATA, SCLK,
EVENT, SAFE
–0.3
0.8
V
V(IHS)
Input voltage high SMBC, SMBD, SDATA, SCLK,
EVENT, SAFE
1.7
6
V
V(AI)
Input voltage range VIN, TS, OC
VSS – 0.3
1.0
V
Z(AI1)
Input impedance SR1, SR2
0 V–1.0 V
10
M
Z(AI2)
Input impedance VIN, TS, OC
0 V–1.0 V
8
M
Power-On Reset (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT–
Negative-going voltage input
2.1
2.3
2.5
V
Vhys
Power-on reset hysteresis
50
125
210
mV


Similar Part No. - BQ2085DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085DBT-V1P2 TI1-BQ2085DBT-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085DBT-V1P2G4 TI1-BQ2085DBT-V1P2G4 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085DBT-V1P3 TI-BQ2085DBT-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085DBT-V1P3G4 TI-BQ2085DBT-V1P3G4 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085DBTR-V1P3 TI-BQ2085DBTR-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
More results

Similar Description - BQ2085DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083 TI1-BQ2083 Datasheet
477Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com