Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5502 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5502
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 3 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5516
3
5516f
DC ELECTRICAL CHARACTERISTICS T
A = 25°C. VCC = 5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4
5.25
V
Supply Current
80
117
150
mA
Shutdown Current
EN = Low
20
µA
Turn-On Time
120
ns
Turn-Off Time
650
ns
EN = High (On)
1.6
V
EN = Low (Off)
1.3
V
EN Input Current
VENABLE = 5V
2
µA
Output DC Offset Voltage
fLO = 901MHz, PLO = –10dBm
1
25
mV
(
IOUT+ – IOUT–, QOUT+ – QOUT–)
Output DC Offset Variation vs Temperature
– 40
°C to 85°C20
µV/°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Tests are performed as shown in the configuration of Figure 2 with
R1 = 8.2
Ω, unless otherwise noted.
Note 3: Specifications over the – 40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
control.
Note 4: Measured at PRF = –10dBm and output frequency = 1MHz.


Similar Part No. - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
LT5502EGN LINER-LT5502EGN Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
More results

Similar Description - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com