Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5503 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5503
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology LT5503 Datasheet HTML 10Page - Linear Technology LT5503 Datasheet HTML 11Page - Linear Technology LT5503 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT5516
8
5516f
TEST CIRCUITS
IOUT
J3
IOUT
+
J4
RF
J1
QOUT
+
J5
QOUT
J6
REFERENCE
DESIGNATION
VALUE
SIZE
PART NUMBER
C1,C2,C5,C6,C7
1nF
0402
AVX 04025C102JAT
C3
0.1
µF
0402
AVX 0402ZD104KAT
C4
2.2
µF
3216
AVX TPSA225M010R1800
L1
33nH
0402
Murata LQP10A
L4
27nH
0402
Murata LQP10A
R1
8.2
0402
R2
100k
0402
R3
1k
0402
T1, T2
1:4
Murata LDB31900M20C-416
6
T1
LDB31900M20C-416
1
L1
33nH
4
C1
1nF
2
3
5516 F02
LO
J2
6
T2
LDB31900M20C-416
1
L4
27nH
4
C2
1nF
2
3
C5
1nF
R1
8.2
R2
100k
R3 1k
EN
C7
1nF
C6
1nF
C3
0.1
µF
C4
2.2
µF
VCC
LT5516
GND
RF+
RF
GND
VCC
LO
LO+
VCC
Figure 2. 900MHz Evaluation Circuit Schematic
Figure 4. Component Side Layout of Evaluation Board
Figure 3. Component Side Silkscreen of Evaluation Board


Similar Part No. - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
LT5503EFE LINER-LT5503EFE Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503EFE-PBF LINER-LT5503EFE-PBF Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results

Similar Description - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com