Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB80N03L Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SPB80N03L
Description  Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPB80N03L Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SPB80N03L Datasheet HTML 1Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 2Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 3Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 4Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 5Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 6Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 7Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 8Page - Siemens Semiconductor Group SPB80N03L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Semiconductor Group
SPP80N03L
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥2*ID*RDS(on)max , ID = 80 A
gfs
30
125
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
4640
5900
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
1915
2500
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
785
1000
Turn-on delay time
VDD = 15 V, VGS = 4.5 V, ID = 80 A,
RG = 1.25 Ω
td(on)
-
30
45
ns
Rise time
VDD = 15 V, VGS = 4.5 V, ID = 80 A,
RG = 1.25 Ω
tr
-
50
75
Turn-off delay time
VDD = 15 V, VGS = 4.5 V, ID = 80 A,
RG = 1.25 Ω
td(off)
-
40
60
Fall time
VDD = 15 V, VGS = 4.5 V, ID = 80 A,
RG = 1.25 Ω
tf
-
50
75


Similar Part No. - SPB80N03L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPB80N03 SIEMENS-SPB80N03 Datasheet
80Kb / 9P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
SPB80N03S2-03 INFINEON-SPB80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPB80N03S2L-03 INFINEON-SPB80N03S2L-03 Datasheet
415Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPB80N03S2L-04 INFINEON-SPB80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPB80N03S2L-05 INFINEON-SPB80N03S2L-05 Datasheet
413Kb / 8P
   OptiMOS Power-Transistor
2003-04-24
More results

Similar Description - SPB80N03L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUZ50B NJSEMI-BUZ50B Datasheet
102Kb / 4P
   Enhancement mode
BUZ41A NJSEMI-BUZ41A Datasheet
105Kb / 4P
   Enhancement mode
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
   Enhancement mode
logo
Infineon Technologies A...
BSL296SN INFINEON-BSL296SN Datasheet
546Kb / 10P
   Enhancement mode
Rev 2.0 2014-10-16
BSP612P INFINEON-BSP612P Datasheet
503Kb / 9P
   Enhancement mode
Rev 2.0 2015-10-07
BSZ15DC02KDH INFINEON-BSZ15DC02KDH Datasheet
576Kb / 13P
   Enhancement mode
Rev 2.2 2014-08-28
BSD223P INFINEON-BSD223P_14 Datasheet
326Kb / 9P
   Enhancement mode
Rev.1.6 2014-07-29
BSD235N INFINEON-BSD235N_14 Datasheet
507Kb / 9P
   Enhancement mode
Rev 2.5 2014-07-29
SPI80N06S2L-11 INFINEON-SPI80N06S2L-11 Datasheet
338Kb / 8P
   Enhancement mode
2004-11-02
logo
New Jersey Semi-Conduct...
BUZ30A NJSEMI-BUZ30A Datasheet
104Kb / 4P
   Enhancement mode
BUZ72L NJSEMI-BUZ72L Datasheet
82Kb / 3P
   Enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com