Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5506 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5506
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5506 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5506 Datasheet HTML 2Page - Linear Technology LT5506 Datasheet HTML 3Page - Linear Technology LT5506 Datasheet HTML 4Page - Linear Technology LT5506 Datasheet HTML 5Page - Linear Technology LT5506 Datasheet HTML 6Page - Linear Technology LT5506 Datasheet HTML 7Page - Linear Technology LT5506 Datasheet HTML 8Page - Linear Technology LT5506 Datasheet HTML 9Page - Linear Technology LT5506 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT5516
6
5516f
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (GHz)
0
0.5
1
1.5
2
2.5
5516 G13
0
–5
–10
–15
–20
–25
–30
TA = 25°C
VCC = 5V
R1 = 8.2
RF
LO
8
6
4
2
0
–2
–4
BASEBAND FREQUENCY (MHz)
0.1
1
10
100
1000
5516 G14
TA = – 40°C
TA = 85°C
TA = 25°C
fLO = 1000MHz
VCC = 5V
R1 = 8.2
LO INPUT POWER (dBm)
–14
–12
–10
–8
–6
–4
–2
5516 G11
–55
–60
–65
–70
–75
–80
fRF = 900MHz
fRF = 1300MHz
fRF = 1100MHz
TA = 25°C
VCC = 5V
R1 = 8.2
RF INPUT POWER (dBm)
–15
–10
–5
0
5
10
5516 G12
80
70
60
50
40
30
20
fRF = 900MHz
fRF = 1300MHz
fRF = 1100MHz
TA = 25°C
VCC = 5V
R1 = 8.2
Conv Gain vs Baseband Frequency
LO-RF Leakage vs LO Input Power
RF-LO Isolation vs RF Input Power
RF, LO Port Return Loss vs
Frequency
(Test circuit optimized for 900MHz operation as shown in Figure 2)
Conv Gain, NF, IIP3 vs R1
Supply Current, IIP2 vs R1
R1 (
Ω)
3
0
5
10
15
20
25
4
56
7
5516 G15
89
TA = 25°C
VCC = 5V
PLO = –5dBm
fLO = 901MHz
IIP3
NF
CONV GAIN
R1 (
Ω)
3
30
50
70
90
110
150
130
4
56
7
5516 G16
89
TA = 25°C
VCC = 5V
PLO = –5dBm
fLO = 901MHz
SUPPLY CURRENT
IIP2


Similar Part No. - LT5506

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5506EUF LINER-LT5506EUF Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
More results

Similar Description - LT5506

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com