Electronic Components Datasheet Search |
|
C5750X5R1H106K Datasheet(PDF) 7 Page - TDK Electronics |
|
C5750X5R1H106K Datasheet(HTML) 7 Page - TDK Electronics |
7 / 15 page (7/15) 002-05 / 20041014 / e412_c • All specifications are subject to change without notice. C2012 (EIA CC0805) TYPE SHAPES AND DIMENSIONS CAPACITANCE RANGES: CLASS 1 TEMPERATURE CHARACTERISTICS: JIS CH(0±60ppm/°C), EIA C0G(0±30ppm/°C) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V • Part number for temperature characteristic C0G Please substitute "C0G" for "CH" in the part number when ordering. TEMPERATURE CHARACTERISTICS: JIS SL(+350 to –1000ppm/°C) RATED VOLTAGE Edc: 10V • For more information about the products of other capacitance or data, please contact us. CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: JIS B(BJ)(±10%), EIA X5R/X7R(±15%) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V RATED VOLTAGE Edc: 16V • Part number for temperature characteristic X5R or X7R Please substitute "X5R" or "X7R" for "JB" in the part number when ordering. TEMPERATURE CHARACTERISTICS: JIS B(BJ)(±10%), EIA X5R(±15%) RATED VOLTAGE Edc: 10V RATED VOLTAGE Edc: 6.3V • Part number for temperature characteristic X5R Please substitute "X5R" for "JB" in the part number when ordering. Capacitance (pF) Tolerance Thickness T (mm)max. Part number 2,700 ±5% 0.6±0.1 C2012CH1H272J 3,300 ±5% 0.6±0.1 C2012CH1H332J 3,900 ±5% 0.85±0.15 C2012CH1H392J 4,700 ±5% 0.85±0.15 C2012CH1H472J 5,600 ±5% 0.85±0.15 C2012CH1H562J 6,800 ±5% 1.25±0.2 C2012CH1H682J 8,200 ±5% 1.25±0.2 C2012CH1H822J 10,000 ±5% 1.25±0.2 C2012CH1H103J Capacitance (pF) Tolerance Thickness T (mm)max. Part number 3,900 ±5% 0.6±0.1 C2012CH1E392J 4,700 ±5% 0.6±0.1 C2012CH1E472J 5,600 ±5% 0.6±0.1 C2012CH1E562J 6,800 ±5% 0.6±0.1 C2012CH1E682J 8,200 ±5% 0.6±0.1 C2012CH1E822J 10,000 ±5% 0.6±0.1 C2012CH1E103J 15,000 ±5% 0.85±0.15 C2012CH1E153J 22,000 ±5% 1.25±0.2 C2012CH1E223J 33,000 ±5% 1.25±0.2 C2012CH1E333J Capacitance (pF) Tolerance Thickness T (mm)max. Part number 33,000 ±5% 0.6±0.1 C2012SL1A333J 47,000 ±5% 0.85±0.15 C2012SL1A473J 68,000 ±5% 1.25±0.2 C2012SL1A683J 100,000 ±5% 1.25±0.2 C2012SL1A104J 0.2min. 2.0 ±0.2 Dimensions in mm Capacitance (pF) Tolerance Thickness T (mm)max. Part number 150,000 ±10% 1.25±0.2 C2012JB1H154K ±20% 1.25±0.2 C2012JB1H154M 220,000 ±10% 1.25±0.2 C2012JB1H224K ±20% 1.25±0.2 C2012JB1H224M 330,000 ±10% 1.25±0.2 C2012JB1H334K ±20% 1.25±0.2 C2012JB1H334M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 470,000 ±10% 1.25±0.2 C2012JB1E474K ±20% 1.25±0.2 C2012JB1E474M 680,000 ±10% 1.25±0.2 C2012JB1E684K ±20% 1.25±0.2 C2012JB1E684M 1,000,000 [1µF] ±10% 1.25±0.2 C2012JB1E105K ±20% 1.25±0.2 C2012JB1E105M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 1,500,000 [1.5µF] ±10% 1.25±0.2 C2012JB1C155K ±20% 1.25±0.2 C2012JB1C155M 2,200,000 ±10% 1.25±0.2 C2012JB1C225K ±20% 1.25±0.2 C2012JB1C225M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 3,300,000 [3.3µF] ±10% 1.25±0.2 C2012JB1A335K ±20% 1.25±0.2 C2012JB1A335M 4,700,000 ±10% 1.25±0.2 C2012JB1A475K ±20% 1.25±0.2 C2012JB1A475M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 6,800,000 [6.8µF] ±10% 1.25±0.2 C2012JB0J685K ±20% 1.25±0.2 C2012JB0J685M 10,000,000 ±10% 1.25±0.2 C2012JB0J106K ±20% 1.25±0.2 C2012JB0J106M 15,000,000 ±20% 1.25±0.2 C2012JB0J156M 22,000,000 ±20% 1.25±0.2 C2012JB0J226M |
Similar Part No. - C5750X5R1H106K |
|
Similar Description - C5750X5R1H106K |