Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2085DBTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2085DBTRG4
Description  SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2085DBTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2085DBTRG4 Datasheet HTML 1Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 2Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 3Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 4Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 5Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 6Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 7Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 8Page - Texas Instruments BQ2085DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
bq2085
SLUS541 – OCTOBER 2002
SBS-COMPLIANT GAS GAUGE IC
FOR USE WITH THE bq29311
1
www.ti.com
FEATURES
D Provides Accurate Measurement of Available
Charge in Li-Ion and Li-Polymer Batteries
D Supports the Smart Battery Specification
(SBS) V1.1
D Integrated Time Base Removes Need for
External Crystal
D Works With the TI bq29311 Analog Front End
(AFE) Protection IC to Provide Complete Pack
Electronics for 10.8-V or 14.4-V Battery Packs
With Few External Components
D Based on a Powerful Low-Power RISC CPU
Core With High-Performance Peripherals
D Integrated FLASH Memory Eliminates the
Need for External Configuration EEPROM
D Measures Charge Flow Using a High
Resolution 16-Bit Integrating Converter
– Better Than 3-nVh of Resolution
– Self-Calibrating
– Offset Error Less Than 1-
µV
D Uses 16-Bit Delta Sigma Converter for
Accurate Voltage and Temperature
Measurements
D Programmable Cell Modeling for Maximum
Battery Fuel Gauge Accuracy
D Drives 3-, 4-, or 5-Segment LED Display for
Remaining Capacity Indication
D 38-Pin TSSOP (DBT)
APPLICATIONS
D Notebook PCs
D Medical and Test Equipment
D Portable Instrumentation
DESCRIPTION
The bq2085 SBS-compliant gas gauge IC for battery
pack or in-system installation maintains an accurate
record of available charge in Li-ion or Li-polymer
batteries. The bq2085 monitors capacity and other
critical parameters of the battery pack and reports the
information to the system host controller over a serial
communication bus. It is designed to work with the
bq29311 analog front-end (AFE) protection IC to
maximize functionality and safety and minimize
component count and cost in smart battery circuits.
Using information from the bq2085, the host controller
can manage remaining battery power to extend the
system run time as much as possible.
BLOCK DIAGRAM
ADC
Voltage
Sense
Resistor
(10 m
Ω - 20 mΩ)
Pack–
Integrating
ADC
Coulomb
Counting
Temp
Sensor
512 Bytes
Config.
FLASH
EPROM
bq2085
Level
Translator
bq29311
LDO
Glueless
Interface
Cell Inputs
Safety Control
SMBus
Pack+
Supply Voltage
Li-Ion
Cells
+
Charge/Discharge
Power FETs
+
+
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - BQ2085DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085DBTR-V1P3 TI-BQ2085DBTR-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085DBTR-V1P3G4 TI-BQ2085DBTR-V1P3G4 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
More results

Similar Description - BQ2085DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083 TI1-BQ2083 Datasheet
477Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com