Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7927 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD7927
–9–
Table I. Control Register Bit Functions
MSB
LSB
WRITE
SEQ
DONTC
ADD2
ADD1
ADD0
PM1
PM0
SHADOW
DONTC
RANGE
CODING
Bit
Mnemonic
Comment
11
WRITE
The value written to this bit of the Control Register determines whether the following 11 bits will be loaded
to the Control Register. If this bit is a 1, the following 11 bits will be written to the Control Register; if it is
a 0, then the remaining 11 bits are not loaded to the Control Register and it remains unchanged.
10
SEQ
The SEQ bit in the Control Register is used in conjunction with the SHADOW bit to control the use of the
sequencer function and access the Shadow Register. (See Table IV.)
9
DONTC
Don’t Care
8–6
ADD2–ADD0
These three address bits are loaded at the end of the present conversion and select which analog input channel
is to be converted in the next serial transfer, or they may select the final channel in a consecutive sequence
as described in Table IV. The selected input channel is decoded as shown in Table II. The address bits
corresponding to the conversion result are also output on DOUT prior to the 12 bits of data. (See the Serial
Interface section.) The next channel to be converted on will be selected by the mux on the 14th SCLK
falling edge.
5, 4
PM1, PM0
Power Management Bits. These two bits decode the mode of operation of the AD7927 as shown in Table III.
3
SHADOW
The SHADOW bit in the Control Register is used in conjunction with the SEQ bit to control the use of the
sequencer function and access the Shadow Register. (See Table IV.)
2
DONTC
Don’t Care
1
RANGE
This bit selects the analog input range to be used on the AD7927. If it is set to 0, the analog input range
will extend from 0 V to 2
¥ REFIN. If it is set to 1, the analog input range will extend from 0 V to REFIN
(for the next conversion). For the 0 V to 2
¥ REFIN range, AVDD = 4.75 V to 5.25 V.
0
CODING
This bit selects the type of output coding the AD7927 will use for the conversion result. If this bit is set to
0, the output coding for the part will be twos complement. If this bit is set to 1, the output coding from the
part will be straight binary (for the next conversion).
CONTROL REGISTER
The Control Register on the AD7927 is a 12-bit, write-only register. Data is loaded from the DIN pin of the AD7927 on the falling
edge of SCLK. The data is transferred on the DIN line at the same time that the conversion result is read from the part. The data
transferred on the DIN line corresponds to the AD7927 configuration for the next conversion. This requires 16 serial clocks for every
data transfer. Only the information provided on the first 12 falling clock edges (after
CS falling edge) is loaded to the Control Register.
MSB denotes the first bit in the data stream. The bit functions are outlined in Table I.
CODE
1.0
0
4096
0
–0.4
–0.8
–1.0
0.2
–0.2
–0.6
2048
0.6
AVDD = V DRIVE = 5V
TEMP = 25 C
0.4
0.8
2560
3072
3584
512
1024
1536
TPC 6. Typical INL
CODE
1.0
0
4096
0
–0.4
–0.8
–1.0
0.2
–0.2
–0.6
2048
0.6
0.4
0.8
2560
3072
3584
512
1024
1536
AVDD = V DRIVE = 5V
TEMP = 25 C
TPC 7. Typical DNL


Similar Part No. - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU AD-AD7927BRU Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU-REEL AD-AD7927BRU-REEL Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results

Similar Description - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com