Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7927 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 3 Page - Analog Devices

  AD7927 Datasheet HTML 1Page - Analog Devices AD7927 Datasheet HTML 2Page - Analog Devices AD7927 Datasheet HTML 3Page - Analog Devices AD7927 Datasheet HTML 4Page - Analog Devices AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
AD7927
–3–
Parameter
B Version
1
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
800
ns max
16 SCLK Cycles with SCLK at 20 MHz
Track-and-Hold Acquisition Time
300
ns max
Sine Wave Input
300
ns max
Full-Scale Step Input
Throughput Rate
200
kSPS max
See Serial Interface Section
POWER REQUIREMENTS
AVDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD
4
Digital I/Ps = 0 V or VDRIVE
During Conversion
2.7
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
2
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Normal Mode (Static)
600
mA typ
AVDD = 2.7 V to 5.25 V, SCLK On or Off
Normal Mode (Operational) fSAMPLE = 200 kSPS 1.5
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
1.2
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Using Auto Shutdown Mode fSAMPLE = 200 kSPS 900
mA typ
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
650
mA typ
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Auto Shutdown (Static)
0.5
mA max
SCLK On or Off (20 nA typ)
Full Shutdown Mode
0.5
mA max
SCLK On or Off (20 nA typ)
Power Dissipation
4
Normal Mode (Operational)
7.5
mW max
AVDD = 5 V, fSCLK = 20 MHz
3.6
mW max
AVDD = 3 V, fSCLK = 20 MHz
Auto Shutdown (Static)
2.5
mW max
AVDD = 5 V
1.5
mW max
AVDD = 3 V
Full Shutdown Mode
2.5
mW max
AVDD = 5 V
1.5
mW max
AVDD = 3 V
NOTES
1Temperature ranges as follows: B Version: –40
∞C to +85∞C.
2See Terminology section.
3Sample tested @ 25
∞C to ensure compliance.
4See Power versus Throughput Rate section.
Specifications subject to change without notice.


Similar Part No. - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU AD-AD7927BRU Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRU-REEL AD-AD7927BRU-REEL Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results

Similar Description - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com