Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25012RHLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25012RHLR
Description  SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25012RHLR Datasheet(HTML) 2 Page - Texas Instruments

  BQ25012RHLR Datasheet HTML 1Page - Texas Instruments BQ25012RHLR Datasheet HTML 2Page - Texas Instruments BQ25012RHLR Datasheet HTML 3Page - Texas Instruments BQ25012RHLR Datasheet HTML 4Page - Texas Instruments BQ25012RHLR Datasheet HTML 5Page - Texas Instruments BQ25012RHLR Datasheet HTML 6Page - Texas Instruments BQ25012RHLR Datasheet HTML 7Page - Texas Instruments BQ25012RHLR Datasheet HTML 8Page - Texas Instruments BQ25012RHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
bq25010
bq25011
bq25012
SLUS615 – DECEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
TA
OUTPUT VOLTAGE (V)
PART NUMBER(1)(2)
MARKING
Adjustable
bq25010RHLR
ANC
-40
°C to 125°C
3.3
bq25011RHLR(3)
ANE
1.8
bq25012RHLR(3)
ANF
(1)
The RHL package is available taped and reeled only in quantities of 3,000 devices per reel.
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3)
Advanced Information, contact factory for availability.
over operating free-air temperature range (unless otherwise noted)
bq25010
bq25011
bq25012
Supply voltage
AC, USB (wrt VSS)
–0.3 V to 7 V
PG, OUT, ISET1, ISET2, STAT1, STAT2, TS (wrt VSS)
–0.3 V to 7 V
Input voltage
EN, FB, FPWM, SW (wrt VSS)
VOUT + 0.3 V
PG, STAT1, STAT2
15 mA
Output sink/source current
TS
200 µA
Output source current
OUT
1.5 A
Storage temperature range, Tstg
–65
°C to 150°C
Junction temperature range, TJ
0
°C to 125°C
Lead temperature (solderig, 10 seconds)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
MIN
MAX
UNIT
VCC
Supply voltage (from AC input)
4.5
6.5
V
VCC
Supply voltage (from USB input)
4.35
6.5
TJ
Operating junction temperature range
–40
125
°C
TA < 40°C
DERATING FACTOR
PACKAGE
θ
JA
POWER RATING
ABOVE TA = 40°C
20-pin RHL(1)
1.81 W
21 mW/
°C
46.87
°C/W
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2
×3 via matrix.
2


Similar Part No. - BQ25012RHLR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
BQ25010EVM APEX-BQ25010EVM Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
BQ25015RHLR TI-BQ25015RHLR Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
BQ25015RHLRG4 TI-BQ25015RHLRG4 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
BQ25015RHLT TI-BQ25015RHLT Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
More results

Similar Description - BQ25012RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Dialog Semiconductor
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com