Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137-X007 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 6N137-X007
Description  High Speed Optocoupler, 10 Mbd
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X007 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 6N137-X007 Datasheet HTML 5Page - Vishay Siliconix 6N137-X007 Datasheet HTML 6Page - Vishay Siliconix 6N137-X007 Datasheet HTML 7Page - Vishay Siliconix 6N137-X007 Datasheet HTML 8Page - Vishay Siliconix 6N137-X007 Datasheet HTML 9Page - Vishay Siliconix 6N137-X007 Datasheet HTML 10Page - Vishay Siliconix 6N137-X007 Datasheet HTML 11Page - Vishay Siliconix 6N137-X007 Datasheet HTML 12Page - Vishay Siliconix 6N137-X007 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
6N137/ SFH6741 / 42 / 50 / 51 / 52
Document Number 82584
Rev. 1.8, 13-Aug-04
Vishay Semiconductors
www.vishay.com
9
Figure 14. Low Level Output Current vs. Ambient Temperature
Figure 15. High Level Output Current vs. Ambient Temperature
Figure 16. Output Voltage vs. Forward Input Current
0
10
20
30
40
50
60
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( _C )
17619
IF = 5 mA
IF = 10 mA
0
5
10
15
20
25
30
35
40
45
50
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( C )
17620
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
012345
IF – Forward Input Current ( mA )
17621
RL = 350 W
RL = 1 kW
RL = 4 kW
Figure 17. Propagation Delay vs. Ambient Temperature
Figure 18. Propagation Delay vs. Forward Current
Figure 19. Pulse Width Distortion vs. Ambient Temperature
0
20
40
60
80
100
120
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
17622
tPLH, 350 Ω
tPHL, 350 Ω
tPLH, 1 kΩ
tPHL, 1 kΩ
tPLH, 4 kΩ
tPHL, 4 kΩ
0
20
40
60
80
100
120
5
7
9
11
13
15
IF – Forward Current ( mA )
17623
tPLH, 350 Ω
tPHL, 350 Ω
tPLH, 1 kΩ
tPHL, 1 kΩ
tPLH, 4 kΩ
tPHL, 4 kΩ
0
10
20
30
40
50
–40
–20
0
20
40
60
80100
Tamb – Ambient Temperature ( °C )
17624
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ


Similar Part No. - 6N137-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N137-X007 VISHAY-6N137-X007 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137-X007 VISHAY-6N137-X007 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X007T VISHAY-6N137-X007T Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
6N137-X007T VISHAY-6N137-X007T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Similar Description - 6N137-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com