Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5744-TGQ Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T5744-TGQ
Description  UHF ASK Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5744-TGQ Datasheet(HTML) 3 Page - ATMEL Corporation

  T5744-TGQ Datasheet HTML 1Page - ATMEL Corporation T5744-TGQ Datasheet HTML 2Page - ATMEL Corporation T5744-TGQ Datasheet HTML 3Page - ATMEL Corporation T5744-TGQ Datasheet HTML 4Page - ATMEL Corporation T5744-TGQ Datasheet HTML 5Page - ATMEL Corporation T5744-TGQ Datasheet HTML 6Page - ATMEL Corporation T5744-TGQ Datasheet HTML 7Page - ATMEL Corporation T5744-TGQ Datasheet HTML 8Page - ATMEL Corporation T5744-TGQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
T5744
4521B–RKE–01/03
Figure 3. Block Diagram
RF Front End
The RF front end of the receiver is a heterodyne configuration that converts the input
signal into a 1-MHz IF signal. According to Figure 3, the front end consists of an LNA
(Low-Noise Amplifier), LO (Local Oscillator), a mixer and RF amplifier.
The LO generates the carrier frequency for the mixer via a PLL synthesizer. The XTO
(crystal oscillator) generates the reference frequency f
XTO. The VCO (Voltage-Controlled
Oscillator) generates the drive voltage frequency f
LO for the mixer. fLO is dependent on
the voltage at Pin LF. f
LO is divided by factor 64. The divided frequency is compared to
f
XTO by the phase frequency detector. The current output of the phase frequency detec-
tor is connected to a passive loop filter and thereby generates the control voltage VLF
for the VCO. By means of that configuration, VLF is controlled in a way that f
LO/64 is
equal to f
XTO. If fLO is determined, fXTO can be calculated using the following formula:
f
XTO = fLO/64
The XTO is a one-pin oscillator that operates at the series resonance of the quartz crys-
tal. According to Figure 4, the crystal should be connected to GND via a capacitor CL.
The value of that capacitor is recommended by the crystal supplier. The value of CL
should be optimized for the individual board layout to achieve the exact value of f
XTO and
hereby of f
LO. When designing the system in terms of receiving bandwidth, the accuracy
of the crystal and the XTO must be considered.
ASK-
Demodulator
and data filter
RSSI IF Amp
IF Amp
4. Order
LPF
3 MHz
LPF
3 MHz
Dem_out
RSSI
Standby logic
VCO
XTO
64
f
CDEM
AVCC
RSSI
AGND
DGND
MIXVCC
LNAGND
LNA_IN
DATA
ENABLE
TEST
MODE
LFGND
LFVCC
XTO
LF
DVCC
LNA
Data interface
Test
BR_0
BR_1


Similar Part No. - T5744-TGQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5744 ATMEL-T5744_05 Datasheet
384Kb / 20P
   High Sensitivity, Especially at Low Data Rates
T5744 ATMEL-T5744_97 Datasheet
365Kb / 19P
   Minimal External Circuitry Requirements, no RF Components on the PC Board Except Matching to the Receiver Antenna
More results

Similar Description - T5744-TGQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
   UHF ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
   UHF ASK Receiver IC
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com