Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34RC02 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT34RC02
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT34RC02 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 9Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 10Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 11Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 12Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 13Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 14Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT34RC02
11
Doc No. 1052, Rev. I
8-LEAD 150 MIL WIDE SOIC (J, W)
Notes:
1.
Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
3.
Lead coplanarity is 0.004" (0.102mm) maximum.
0.149 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0.0099 (0.25)
0.0196 (0.50)
0.0075 (0.19)
0.0098 (0.25)
0.016 (0.40)
0.050 (1.27)
0˚-8˚
X 45
˚
D
Dimension D
Pkg
Min
Max
8L
0.1890(4.80)
0.1968(5.00)


Similar Part No. - CAT34RC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02GYITE13 CATALYST-CAT34RC02GYITE13 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JETE13REV-E CATALYST-CAT34RC02JETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JITE13REV-E CATALYST-CAT34RC02JITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02LETE13REV-E CATALYST-CAT34RC02LETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com