Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6129 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67060-S6129
Description  TrilithIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6129 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67060-S6129 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 11Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 12Page - Infineon Technologies AG Q67060-S6129 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BTS 7810 K
Data Sheet
9
2003-03-11
3.3
Electrical Characteristics
I
SH1 = ISH2 = ISL1 = ISL2 = 0 A; – 40
°C < Tj < 150 °C; 8 V < VS < 18 V
unless otherwise specified
Parameter
Symb
ol
Limit Values
Unit Test Condition
min.
typ.
max.
Current Consumption HS-switch
Quiescent current
I
S Q
–49
µAIH1 = IH2 = 0 V
T
j = 85
°C
––20
µAIH1 = IH2 = 0 V
Supply current
I
S
2.5
4.5
mA
IH1 or IH2 = 5 V
5
9
mA
IH1 and IH2 = 5 V
Leakage current of
highside switch
I
SH LK
––7
µA
V
IH = VSH = 0 V
T
j = 85
°C
Leakage current through
logic GND in free
wheeling condition
I
LKCL =
I
FH + ISH
–2.2
10
mA
I
FH =5 A
Current Consumption LS-switch
Input current
I
IL
–10
100
nA
V
IL = 20 V
V
DSL = 0 V
Leakage current of
lowside switch
I
DL LK
––12
µA
V
IL = 0 V
V
DSL = 40 V
T
j = 85
°C
Under Voltage Lockout (UVLO) HS-switch
Switch-ON voltage
V
UVON
––5
V
V
S increasing
Switch-OFF voltage
V
UVOFF
1.8
4.5
V
V
S decreasing
Switch ON/OFF
hysteresis
V
UVHY
–1–
V
V
UVON VUVOFF


Similar Part No. - Q67060-S6129

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6120 INFINEON-Q67060-S6120 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6121 INFINEON-Q67060-S6121 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6127 INFINEON-Q67060-S6127 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6128 INFINEON-Q67060-S6128 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results

Similar Description - Q67060-S6129

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com