Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW10N60A Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SKW10N60A
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW10N60A Datasheet(HTML) 1 Page - Infineon Technologies AG

  SKW10N60A Datasheet HTML 1Page - Infineon Technologies AG SKW10N60A Datasheet HTML 2Page - Infineon Technologies AG SKW10N60A Datasheet HTML 3Page - Infineon Technologies AG SKW10N60A Datasheet HTML 4Page - Infineon Technologies AG SKW10N60A Datasheet HTML 5Page - Infineon Technologies AG SKW10N60A Datasheet HTML 6Page - Infineon Technologies AG SKW10N60A Datasheet HTML 7Page - Infineon Technologies AG SKW10N60A Datasheet HTML 8Page - Infineon Technologies AG SKW10N60A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SKP10N60A, SKB10N60A
SKW10N60A
1
Sep-02
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
• 75% lower E
off compared to previous generation
combined with low conduction losses
• Short circuit withstand time – 10 µs
• Designed for:
- Motor controls
- Inverter
• NPT-Technology for 600V applications offers:
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
- parallel switching capability
• Very soft, fast recovery anti-parallel EmCon diode
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat)
Tj
Package
Ordering Code
SKP10N60A
600V
10A
2.3V
150
°C
TO-220AB
Q67040-S4458
SKB10N60A
TO-263AB
Q67040-S4459
SKW10N60A
TO-247AC
Q67040-S4506
Maximum Ratings
Value
Parameter
Symbol
SKP10N60A
SKB10N60A
SKW10N60A
Unit
Collector-emitter voltage
VCE
600
V
DC collector current
TC = 25
°C
TC = 100
°C
I C
20
10.6
Pulsed collector current, tp limited by Tjmax
I Cp ul s
40
Turn off safe operating area
VCE
≤ 600V, T
j
≤ 150°C
-
40
Diode forward current
TC = 25
°C
TC = 100
°C
I F
21
10
Diode pulsed current, tp limited by Tjmax
I Fp ul s
42
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
1)
VGE = 15V, VCC
≤ 600V, T
j
≤ 150°C
t SC
10
µs
Power dissipation
TC = 25
°C
Ptot
92
W
Operating junction and storage temperature
T j , T stg
-55...+150
°C
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
P-TO-220-3-1
(TO-220AB)
P-TO-263-3-2 (D²-PAK)
(TO-263AB)
G
C
E
P-TO-247-3-1
(TO-247AC)


Similar Part No. - SKW10N60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW10N60A INFINEON-SKW10N60A Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW10N60A INFINEON-SKW10N60A Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - SKW10N60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com