Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1408P7 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MC1408P7
Description  8-Bit D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MC1408P7 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MC1408P7 Datasheet HTML 1Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 2Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 3Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 4Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 5Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 6Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 7Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 8Page - National Semiconductor (TI) MC1408P7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
(VCC
5V VEE
b
15 VDC VREF R14
2 mA DAC0808 TA
b
55 Cto a125 C DAC0808C DAC0807C DAC0806C TA
0 Cto a75 C and all digital inputs at high logic level unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SRIREF
Reference Current Slew Rate
(Figure 6)
4
8
mA ms
Output Current Power Supply
b
5V s VEE s b165V
005
27
m
AV
Sensitivity
Power Supply Current (All Bits
(Figure 3)
Low)
ICC
23
22
mA
IEE
b
43
b
13
mA
Power Supply Voltage Range
TA
25 C
(Figure 3)
VCC
45
50
55
VDC
VEE
b
45
b
15
b
165
VDC
Power Dissipation
All Bits Low
VCC
5V VEE
b
5V
33
170
mW
VCC
5V VEE
b
15V
106
305
mW
All Bits High
VCC
15V VEE
b
5V
90
mW
VCC
15V VEE
b
15V
160
mW
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
Range control is not required
Note 3
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX iJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD
(TJMAX
TA) iJA or the number given in the Absolute Maixmum Ratings whichever is lower For this
device TJMAX
125 C and the typical junction-to-ambient thermal resistance of the dual-in-line J package when the board mounted is 100 CW For the dual-in-
line N package this number increases to 175 CW and for the small outline M package this number is 100 CW
Note 4
Human body model 100 pF discharged through a 15 kX resistor
Note 5
All current switches are tested to guarantee at least 50% of rated current
Note 6
All bits switched
Note 7
Pin-out numbers for the DAL080X represent the dual-in-line package The small outline package pinout differs from the dual-in-line package
Typical Application
VO 10V
A12aA24a A8256J
TLH5687 3
FIGURE 1 a10V Output Digital to Analog Converter (Note 7)
3


Similar Part No. - MC1408P7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MC1408P8 NSC-MC1408P8 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
Motorola, Inc
MC1408PB MOTOROLA-MC1408PB Datasheet
674Kb / 12P
   EIGHT-BIT MULTIPLYING DIGITAL-TO-ANALOG CNOVERTER
More results

Similar Description - MC1408P7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
   8-Bit D/A Converters
logo
API Technologies Corp
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
   8-Bit, Multiplying D/A Converters
August 1997
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
   High-accuracy 8-bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com