Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675
Description  14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5675 Datasheet HTML 3Page - Texas Instruments DAC5675 Datasheet HTML 4Page - Texas Instruments DAC5675 Datasheet HTML 5Page - Texas Instruments DAC5675 Datasheet HTML 6Page - Texas Instruments DAC5675 Datasheet HTML 7Page - Texas Instruments DAC5675 Datasheet HTML 8Page - Texas Instruments DAC5675 Datasheet HTML 9Page - Texas Instruments DAC5675 Datasheet HTML 10Page - Texas Instruments DAC5675 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DAC5675
SLAS352B – DECEMBER 2001 – REVISED JUNE 2002
7
www.ti.com
digital inputs (continued)
Figure 4 shows a schematic of the equivalent CMOS/TTL-compatible digital inputs of the DAC5675, valid for
pins SLEEP and DLLOFF.
Digital Input
Internal
Digital In
DVDD
DGND
DAC5675
Figure 4. CMOS/TTL Digital Equivalent Input
clock input and timing
The DAC5675 comprises a delay locked loop DLL for internal clock alignment. Enabling the DLL is controlled
by pin DLLOFF. The DLL should be enabled for update rates in excess of 100 MSPS. The DLL works only to
maximize setup and hold times of the digital input and does not affect the analog output of the DAC. Figure 5
shows the clock and data input timing diagram. The DAC5675 features a differential clock input. Internal
edge-triggered flip-flops latch the input word on the rising edge of the positive clock input CLK (falling edge of
the negative/complementary clock input CLKC). The DAC core is updated with the data word on the following
rising edge of the positive clock input CLK (falling edge of CLKC). This results in a conversion latency of one
clock cycle. The DAC5675 provides for minimum setup and hold times (>0.25 ns), allowing for noncritical
external interface timing. The clock duty cycle can be chosen arbitrarily under the timing constraints listed in
the electrical characteristics section. However, a 50% duty cycle gives the optimum dynamic performance.
The DAC5675 clock input can be driven by a differential sine wave. The ac coupling, in combination with internal
biasing ensures that the sine wave input is centered at the optimum common-mode voltage that is required for
the internal clock buffer. The DAC5675 clock input can also be driven single-ended, this is shown in Figure 6.
The best SFDR performance is typically achieved by driving the inputs differentially.


Similar Part No. - DAC5675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
More results

Similar Description - DAC5675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com