Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2145AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2145AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2145AF Datasheet HTML 4Page - Toshiba Semiconductor TA2145AF Datasheet HTML 5Page - Toshiba Semiconductor TA2145AF Datasheet HTML 6Page - Toshiba Semiconductor TA2145AF Datasheet HTML 7Page - Toshiba Semiconductor TA2145AF Datasheet HTML 8Page - Toshiba Semiconductor TA2145AF Datasheet HTML 9Page - Toshiba Semiconductor TA2145AF Datasheet HTML 10Page - Toshiba Semiconductor TA2145AF Datasheet HTML 11Page - Toshiba Semiconductor TA2145AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TA2145AF
2002-04-19
8
Electrical Characteristics
(Unless otherwise specified, VCC
==== 3 V, Ta ==== 25°C, f ==== 1 kHz, SW2: a, SW5: OPEN
Preamplifier:
Rg
==== 2.2 kW
W
W
W, RL ==== 10 kW
W
W
W, SW1: ON, SW3: b, SW4: b
Power amplifier: Rg
==== 600 W
W
W
W, RL ==== 16 W
W
W
W, Vol.: max, SW1: OPEN, SW3: a, SW4: a
Motor governor: Im
==== 100 mA, SW1: OPEN, SW3: b, SW4: b)
Characteristic
Symbol
Test
circuit
Test condition
Min
Typ.
Max
Unit
ICCQ1
¾
Pre off, Vin = 0, Vol.: min,
SW4: b, SW5: ON
¾
7.5
13
Quiescent supply current
ICCQ2
¾
Vin = 0, Vol.: min, SW4: b
¾
8.5
14.5
mA
Open loop voltage gain
GVO
¾
Vo = -10dBV, SW2: b
¾
86
¾
dB
Closed loop voltage gain
GVC
¾
Vo = -10dBV
¾
35
¾
dB
Maximum output voltage
Vom
¾
THD
= 1%
550
720
¾
mVrms
Total harmonic distortion
THD1
¾
Vo = -10dBV
¾
0.02
0.3
%
Equivalent input noise
voltage
Vni
¾
Rg = 2.2 kW, SW1: OPEN
BPF
= 20 Hz~20 kHz,
NAB (GV = 35dB, f = 1 kHz)
¾
1.2
2.4
mVrms
Cross ta k
CT1
¾
Vo = -10dBV
¾
70
¾
dB
Ripple rejection ratio
RR1
¾
fr = 100 Hz, Vr = -20dBV
¾
48
¾
dB
Preamplifier muting
attenuation
ATT1
¾
Vo = -10dBV, SW5: OPEN ® ON
¾
80
¾
dB
Preamplifier on voltage
V18 (ON)
¾
0
¾
0.5
V
Preamplifier off voltage
V18 (OFF)
¾
VCC = 1.8 V
1.5
¾
1.8
V
Voltage gain
GV
¾
Vo = -10dBV
29
31
33
dB
Channel balance
CB
¾
Vo = -10dBV
-1.5
0
+1.5
dB
Output power 1
Po1
¾
RL = 16 W, THD = 10%
17
28
¾
mW
Output power 2
Po2
¾
RL = 32 W, THD = 10%
¾
20
¾
mW
Total harmonic distortion
THD2
¾
Po = 1m W
¾
0.5
¾
%
Output noise voltage
Vno
¾
Rg = 600 W, SW3: b
BPF
= 20 Hz~20 kHz
¾
270
400
mVrms
Ripple rejection ratio
RR2
¾
fr = 100 Hz, Vr = -20dBV
¾
52
¾
dB
Cross ta k
CT2
¾
Vo = -10dBV
¾
32
¾
dB
Dc volume maximum
attenuation
ATT2
¾
Vo = -10dBV, SW4: a®b
(Vol.: max
® min)
¾
82
¾
dB
Supply current
ICC
¾
Im = 0
¾
2.5
3.5
mA
Saturation voltage
VCE (sat)
¾
Im = 200 mA
¾
¾
0.5
V
Reference voltage
,VREF
¾
Im = 100 mA
0.76
0.81
0.86
V
Reference voltage
fluctuation 1
,VREF1
¾
VCC = 2.1~3.6 V
¾
0.25
¾
%/V
Reference voltage
fluctuation 2
,VREF2
¾
Im = 25~250 mA
¾
0.003
¾
%/mA
Reference voltage
fluctuation 3
,VREF3
¾
Ta
= -25~75°C
¾
0.005
¾
%/°C
Current ratio
K
¾
¾
34.5
37.5
40.5
Current ratio fluctuation 1
,K1
¾
VCC = 2.1~3.6 V
¾
0.25
¾
%/V
Current ratio fluctuation 2
,K2
¾
Im = 25~250 mA
¾
0.08
¾
%/mA
Current ratio fluctuation 3
,K3
¾
Ta
= -25~75°C
¾
0.005
¾
%/°C


Similar Part No. - TA2145AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
More results

Similar Description - TA2145AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com