Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3084E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3084E
Description  ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3084E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3084E Datasheet HTML 2Page - Maxim Integrated Products MAX3084E Datasheet HTML 3Page - Maxim Integrated Products MAX3084E Datasheet HTML 4Page - Maxim Integrated Products MAX3084E Datasheet HTML 5Page - Maxim Integrated Products MAX3084E Datasheet HTML 6Page - Maxim Integrated Products MAX3084E Datasheet HTML 7Page - Maxim Integrated Products MAX3084E Datasheet HTML 8Page - Maxim Integrated Products MAX3084E Datasheet HTML 9Page - Maxim Integrated Products MAX3084E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
±15kV ESD-Protected, Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—MAX3086E/MAX3087E/MAX3088E, and MAX3089E with
SRL = GND
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Note 5: The device is put into shutdown by bringing RE high and DE low. If the enable inputs are in this state for less than 50ns, the
device is guaranteed not to enter shutdown. If the enable inputs are in this state for at least 600ns, the device is guaranteed
to have entered shutdown.
UNITS
MIN
TYP
MAX
CONDITIONS
SYMBOL
PARAMETER
Driver Input-to-Output
tDPLH
tDPHL
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
34
60
34
60
ns
ns
-2.5
±10
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
tDSKEW
Driver Output Skew
| tDPLH - tDPHL |
Driver Rise or Fall Time
tDR, tDF
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
14
25
ns
Maximum Data Rate
fMAX
10
Mbps
Driver Enable to Output High
tDZH
Figures 8 and 10, CL = 100pF, S2 closed
150
ns
ns
150
Figures 8 and 10, CL = 100pF, S1 closed
tDZL
Driver Enable to Output Low
Driver Disable Time from Low
tDLZ
Figures 8 and 10, CL = 15pF, S1 closed
100
ns
ns
100
Figures 8 and 10, CL = 15pF, S2 closed
tDHZ
Driver Disable Time from High
Receiver Input-to-Output
tRPLH,
tRPHL
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID
≤ 15ns
106
150
ns
ns
0±10
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID
≤ 15ns
tRSKD
| tRPLH - tRPHL | Differential
Receiver Skew
tRZL
Figures 6 and 12, CL = 100pF, S1 closed
20
50
ns
ns
ns
ns
ns
ns
ns
ns
ns
3500
3500
250
250
50
200
600
20
50
20
50
20
50
Figures 6 and 12, CL = 100pF, S2 closed
Figures 6 and 12, CL = 100pF, S1 closed
Figures 6 and 12, CL = 100pF, S2 closed
(Note 5)
Figures 8 and 10, CL = 15pF, S2 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 6 and 12, CL = 100pF, S2 closed
Figures 6 and 12, CL = 100pF, S1 closed
tRZL(SHDN)
tRZH(SHDN)
tDZL(SHDN)
tDZH(SHDN)
tSHDN
tRHZ
tRLZ
tRZH
Receiver Enable to Output Low
Receiver Enable to Output High
Receiver Disable Time from Low
Receiver Disable Time from
High
Time to Shutdown
Driver Enable from
Shutdown-to-Output High
Driver Enable from
Shutdown-to-Output Low
Receiver Enable from
Shutdown-to-Output High
Receiver Enable from
Shutdown-to-Output Low


Similar Part No. - MAX3084E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3084E MAXIM-MAX3084E Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3084EPA MAXIM-MAX3084EPA Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3084EPA MAXIM-MAX3084EPA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3084ESA MAXIM-MAX3084ESA Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3084ESA MAXIM-MAX3084ESA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results

Similar Description - MAX3084E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com