Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3458 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC3458
Description  Dual, Low Power Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3458 Datasheet(HTML) 3 Page - ON Semiconductor

  MC3458_07 Datasheet HTML 1Page - ON Semiconductor MC3458_07 Datasheet HTML 2Page - ON Semiconductor MC3458_07 Datasheet HTML 3Page - ON Semiconductor MC3458_07 Datasheet HTML 4Page - ON Semiconductor MC3458_07 Datasheet HTML 5Page - ON Semiconductor MC3458_07 Datasheet HTML 6Page - ON Semiconductor MC3458_07 Datasheet HTML 7Page - ON Semiconductor MC3458_07 Datasheet HTML 8Page - ON Semiconductor MC3458_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC3458, MC3358
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (For MC3458, VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
(For MC3358, VCC = +14 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
MC3458
MC3358
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
2.0
10
2.0
8.0
mV
TA = Thigh to Tlow (Note 3.)
12
10
Input Offset Current
IIO
30
50
30
75
nA
TA = Thigh to Tlow
200
250
Large Signal Open Loop Voltage Gain
AVOL
V/mV
VO = ±10 V, RL = 2.0 kΩ,
20
200
20
200
TA = Thigh to Tlow
15
15
Input Bias Current
IIB
–200
–500
–200
–500
nA
TA = Thigh to Tlow
–800
–1000
Output Impedance, f = 20 Hz
zO
75
75
Input Impedance, f = 20 Hz
zI
0.3
1.0
0.3
1.0
M
Output Voltage Range
VOR
V
RL = 10 kΩ
±12
±13.5
12
12.5
RL = 2.0 kΩ
±10
±13
10
12
RL = 2.0 kΩ, TA = Thigh to Tlow
±10
10
Input Common Mode Voltage Range
VICR
+13
–VEE
+13.5
–VEE
+13
–VEE
+13.5
–VEE
V
Common Mode Rejection Ratio, RS ≤ 10 kΩ
CMR
70
90
70
90
dB
Power Supply Current (VO = 0) RL = ∞
ICC, IEE
1.6
3.7
1.6
3.7
mA
Individual Output Short Circuit Current (Note 4.)
ISC
±10
±20
±45
±10
±30
±45
mA
Positive Power Supply Rejection Ratio
PSRR+
30
150
30
150
µV/V
Negative Power Supply Rejection Ratio
PSRR–
30
150
µV/V
Average Temperature Coefficient of Input
∆IIO/∆T
50
50
pA/
°C
Offset Current, TA = Thigh to Tlow
Average Temperature Coefficient of Input
∆VIO/∆T
10
10
µV/°C
Offset Current, TA = Thigh to Tlow
Power Bandwidth
BWp
9.0
9.0
kHz
AV = 1, RL = 2.0 kΩ, VO = 20 Vpp, THD = 5%
Small Signal Bandwidth
BW
1.0
1.0
MHz
AV = 1, RL = 10 kΩ, VO = 50 mV
Slew Rate
SR
0.6
0.6
V/
µs
AV = 1, VI = –10 V to +10 V
Rise Time
tTLH
0.35
0.35
µs
AV = 1, RL = 10 kΩ, VO = 50 mV
Fall Time
tTHL
0.35
0.35
µs
AV = 1, RL = 10 kΩ, VO = 50 mV
Overshoot
os
20
20
%
AV = 1, RL = 10 kΩ, VO = 50 mV
Phase Margin
φm
60
60
Degrees
AV = 1, RL = 2.0 kΩ, CL = 200 pF
Crossover Distortion
1.0
1.0
%
(Vin = 30 mVpp, Vout = 2.0 Vpp, f = 10 kHz)
3. MC3358: Tlow = –40°C, Thigh = +85°C
MC3458: Tlow = 0°C, Thigh = +70°C
4. Not to exceed maximum package power dissipation.


Similar Part No. - MC3458_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3458D ONSEMI-MC3458D Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Motorola, Inc
MC3458D MOTOROLA-MC3458D Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
logo
ON Semiconductor
MC3458P1 ONSEMI-MC3458P1 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Motorola, Inc
MC3458P1 MOTOROLA-MC3458P1 Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
MC3458U MOTOROLA-MC3458U Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
More results

Similar Description - MC3458_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com