Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75172B Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC75172B
Description  Quad EIA-485 Line Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC75172B Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC75172B Datasheet HTML 4Page - Motorola, Inc MC75172B Datasheet HTML 5Page - Motorola, Inc MC75172B Datasheet HTML 6Page - Motorola, Inc MC75172B Datasheet HTML 7Page - Motorola, Inc MC75172B Datasheet HTML 8Page - Motorola, Inc MC75172B Datasheet HTML 9Page - Motorola, Inc MC75172B Datasheet HTML 10Page - Motorola, Inc MC75172B Datasheet HTML 11Page - Motorola, Inc MC75172B Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC75172B MC75174B
11
MOTOROLA ANALOG IC DEVICE DATA
Comparing System Requirements
Characteristic
Symbol
EIA–485
EIA–422–A
V.11 and X.27
GENERATOR (DRIVER)
Output Impedance (Note 1)
Zout
Not Specified
t100 Ω
50 10 100
Open Circuit Voltage
Differential
Single–Ended
VOCD
VOCS
1.5 to 6.0 V
t6.0 V
p6.0 V
p6.0 V
p6.0 V, w/3.9 kΩ, Load
p6.0 V, w/3.9 kΩ, Load
Loaded Differential Voltage
VOD
1.5 to 5.0 V, w/54
Ω load
q2.0 V or q 0.5
VOCD, w/100 Ω load
q2.0 V or q 0.5 VOCD,
w/100
Ω load
Differential Voltage Balance
∆VOD
t200 mV
p400 mV
t400 mV
Output Common Mode Range
VCM
–7.0 to +12 V
Not Specified
Not Specified
Offset Voltage
VOS
–1.0
t VOS t 3.0 V
p3.0 V
p3.0 V
Offset Voltage Balance
∆VOS
t200 mV
p400 mV
t400 mV
Short Circuit Current
IOS
p250 mA for –7.0 to
12 V
p150 mA to ground
p150 mA to ground
Leakage Current (VCC = 0)
IOLK
Not Specified
p100 µA to –0.25 V
thru 6.0 V
p100 µA to ± 0.25 V
Output Rise/Fall Time (Note 2)
tr, tf
p0.3 TB, w/54 Ω/1150 pF
load
p0.1 TB or p 20 ns,
w/100
Ω load
p0.1 TB or p 20 ns,
w/100
Ω load
RECEIVER
Input Sensitivity
Vth
± 200 mV
± 200 mV
± 300 mV
Input Bias Voltage
Vbias
p3.0 V
p3.0 V
p3.0 V
Input Common Mode Range
Vcm
–7.0 to 12 V
–7.0 to 7.0 V
–7.0 to 7.0 V
Dynamic Input Impedance
Rin
Spec number of U.L.
q4 kΩ
q4 kΩ
NOTES: 1. Compliance with V.11 and X.27 (Blue book) output impedance requires external resistors in series with the outputs of the MC75172B and MC75174B.
2. TB = Bit time.
Additional Information
Copies of the EIA Recommendations (EIA–485 and EIA–422–A) can be obtained from the Electronics Industries Association,
Washington, D.C. (202–457–4966). Copies of the CCITT Recommendations (V.11 and X.27) can be obtained from the United
States Department of Commerce, Springfield, VA (703–487–4600).


Similar Part No. - MC75172B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75172B ONSEMI-MC75172B Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75172BDW ONSEMI-MC75172BDW Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75172BDW ONSEMI-MC75172BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75172BDW ONSEMI-MC75172BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com