Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61574A-IP1 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS61574A-IP1
Description  T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61574A-IP1 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS61574A-IP1 Datasheet HTML 8Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 9Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 10Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 11Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 12Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 13Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 14Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 15Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
The E1 G.703 pulse shape is supported with line
length selection LEN2/1/0=0/0/0. The pulse
width will meet the G.703 pulse shape template
shown in Figure 9, and specified in Table 4.
The CS61574A and CS61575 will detect a static
TCLK, and will force TTIP and TRING low to
prevent transmission when data is not present.
When any transmit control pin (TAOS, LEN0-2
or LLOOP) is toggled, the transmitter outputs
will require approximately 22 bit periods to stabi-
lize. The transmitter will take longer to stabilize
when RLOOP is selected because the timing cir-
cuitry must adjust to the new frequency.
Transmit All Ones Select
The transmitter provides for all ones insertion at
the frequency of TCLK. Transmit all ones is se-
lected when TAOS goes high, and causes
continuous ones to be transmitted on the line
(TTIP and TRING). In this mode, the TPOS and
TNEG (or TDATA) inputs are ignored. If Remote
Loopback is in effect, any TAOS request will be
ignored.
Receiver
The receiver extracts data and clock from an AMI
(Alternate Mark Inversion) coded signal and out-
puts clock and synchronized data. The receiver is
sensitive to signals over the entire range of
ABAM cable lengths and requires no equalization
or ALBO (Automatic Line Build Out) circuits.
The signal is received on both ends of a center-
tapped, center-grounded transformer. The
transformer is center tapped on the IC side. The
clock and data recovery circuit exceeds the jitter
tolerance specifications of Publications 43802,
43801, AT&T 62411, TR-TSY-000170, and
CCITT REC. G.823.
269 ns
244 ns
194 ns
219 ns
488 ns
Nominal Pulse
0
10
50
80
90
100
110
120
-10
-20
Percent of
nominal
peak
voltage
Figure 9. Mask of the Pulse at the 2048 kbps Interface
For c oax ia l c abl e,
75
l oad
and
transformer specified
in Application Section.
For shielded twisted
pair, 120
Ω load and
transformer specified
in Application Section.
Nominal peak voltage of a mark (pulse)
2.37 V
3 V
Peak voltage of a space (no pulse)
0
±0.237 V
0
±0.30 V
Nominal pulse width
244 ns
Ratio of the amplitudes of positive and negative
pulses at the center of the pulse interval
0.95 to 1.05*
Ratio of the widths of positive and negative
pulses at the nominal half amplitude
0.95 to 1.05*
* When configured with a 0.47
µF nonpolarized capacitor in series with the TX transformer
primary as shown in Figures A1, A2 and A3.
Table 4. CCITT G.703 Specifications
CS61574A CS61575
12
DS154F2


Similar Part No. - CS61574A-IP1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61574A-IL1Z CIRRUS-CS61574A-IL1Z Datasheet
463Kb / 34P
   T1/E1 Line Interface
More results

Similar Description - CS61574A-IP1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com