Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C103K4PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C103K4PACTU
Description  Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C103K4PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C103K4PACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 5/11/2017 - 8e4832fe-44d5-41e8-bf83-5ba451f8fe26
KEMET Part Number: C0402C103K4PACTU
(C0402C103K4PAC7867)
Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
S
0.3mm MIN
B
0.3mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 0402
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X5R
dielectric for this part number is
48 hours
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC
Dielectric Withstanding
Voltage: 40 V
Temperature Range: -55/+85C
Temperature Coefficient: X5R
Dissipation Factor: 5%
Aging Rate: 5% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C103K4PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C103K4GAC KEMET-C0402C103K4GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C103K4RACAUTO KEMET-C0402C103K4RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C103K4RACTU KEMET-C0402C103K4RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-10% Tol, 16V, X7R, 0402 (1005 metric)
C0402C103K4RACTU KEMET-C0402C103K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
logo
Microchip Technology
C0402C103K4RACTU MICROCHIP-C0402C103K4RACTU Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - C0402C103K4PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C103K4PACTU KEMET-C0201C103K4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
2017/03/02
C0402C103K4RALTU KEMET-C0402C103K4RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C103K4RACTU KEMET-C0402C103K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C105K8PACTU KEMET-C0402C105K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C473K8PACTU KEMET-C0402C473K8PACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C223K8PACTU KEMET-C0402C223K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C823K8PACTU KEMET-C0402C823K8PACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.082 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C104K8PACTU KEMET-C0402C104K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C103K8PACTU KEMET-C0402C103K8PACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm X5R, 0.01 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C104M8PACTU KEMET-C0402C104M8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 20%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com