Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1600QTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE1600QTR
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600QTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE1600QTR Datasheet HTML 11Page - STMicroelectronics STMPE1600QTR Datasheet HTML 12Page - STMicroelectronics STMPE1600QTR Datasheet HTML 13Page - STMicroelectronics STMPE1600QTR Datasheet HTML 14Page - STMicroelectronics STMPE1600QTR Datasheet HTML 15Page - STMicroelectronics STMPE1600QTR Datasheet HTML 16Page - STMicroelectronics STMPE1600QTR Datasheet HTML 17Page - STMicroelectronics STMPE1600QTR Datasheet HTML 18Page - STMicroelectronics STMPE1600QTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
STMPE1600
Interrupt system
Doc ID 16938 Rev 3
15/27
6
Interrupt system
The STMPE1600 can be configured to generate an interrupt when there is a logic transition
on any of the GPIO configured as an input.
IEGPIOR
Interrupt enable GPIO mask register
Address:
0x08, 0x09
Type:
RW
Reset:
0x00
Description:
Interrupt enable GPIO mask register (IEGPIOR)
The IEGPIOR register is used to enable the interruption from a particular GPIO
interrupt source to the host. The IEG[15:0] bits are the interrupt enable mask bits
corresponding to the GPIO[15:0] pins.
15
14
13
12
11
10
9876543
2
1
0
IEG15
IEG14
IEG13
IEG12
IEG11
IEG10
IEG9
IEG8
IEG7
IEG6
IEG5
IEG4
IEG3
IEG2
IEG1
IEG0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
[15:0] IEG[x]: Interrupt enable GPIO mask (where x = 15 to 0)
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.


Similar Part No. - STMPE1600QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1600QTR STMICROELECTRONICS-STMPE1600QTR Datasheet
280Kb / 27P
   16-bit port expander with ultra-low power consumption
More results

Similar Description - STMPE1600QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1600QTR STMICROELECTRONICS-STMPE1600QTR Datasheet
280Kb / 27P
   16-bit port expander with ultra-low power consumption
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
   8-bit Xpander Logic??with touchkey controller
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
   Xpander Logic with 12-channel touchkey
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com