Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P472LB Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6201P472LB
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P472LB Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6201P472LB Datasheet HTML 1Page - Torex Semiconductor XC6201P472LB Datasheet HTML 2Page - Torex Semiconductor XC6201P472LB Datasheet HTML 3Page - Torex Semiconductor XC6201P472LB Datasheet HTML 4Page - Torex Semiconductor XC6201P472LB Datasheet HTML 5Page - Torex Semiconductor XC6201P472LB Datasheet HTML 6Page - Torex Semiconductor XC6201P472LB Datasheet HTML 7Page - Torex Semiconductor XC6201P472LB Datasheet HTML 8Page - Torex Semiconductor XC6201P472LB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
XC6201
Series
189
3
■Marking
GSOT-89, SOT-25
qwer
SOT-89
SOT-25
q Represents the product name
SYMBOL
PRODUCT NAME
XC6201PXXXXX
w Represents the type of regulator
VOLTAGE(V)
0.1∼3.0
3.1∼6.0
6.1∼9.0
SYMBOL
5
6
e Represents the Output Voltage
SYMBOL
OUTPUT VOLTAGE (V)
SYMBOL
OUTPUT VOLTAGE (V)
0
3.1
F
4.6
1
3.2
H
1.7
4.7
2
3.3
K
1.8
4.8
3
3.4
L
1.9
4.9
4
3.5
M
2.0
5.0
5
3.6
N
2.1
5.1
6
3.7
P
2.2
5.2
7
3.8
R
2.3
5.3
8
3.9
S
2.4
5.4
9
4.0
T
2.5
5.5
A
4.1
U
2.6
5.6
B
4.2
V
2.7
5.7
C
4.3
X
2.8
5.8
D
4.4
Y
2.9
5.9
E
1.3
1.4
1.5
1.6
4.5
Z
3.0
6.0
r Represents the assembly lot no.
  0∼9, A∼Z repeated (G, I, J, O, Q, W excepted)
03S_01XC6201 02.9.12 2:35 PM ページ 189


Similar Part No. - XC6201P472LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P401MR TOREX-XC6201P401MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401MR-G TOREX-XC6201P401MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401PR TOREX-XC6201P401PR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401PR-G TOREX-XC6201P401PR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P401TH TOREX-XC6201P401TH Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P472LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com