Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL0306KPX7R5BB121 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # CL0306KPX7R5BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CL0306KPX7R5BB121 Datasheet(HTML) 1 Page - YAGEO Corporation

  CL0306KPX7R5BB121 Datasheet HTML 1Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 2Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 3Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 4Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 5Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 6Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 7Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 8Page - YAGEO Corporation CL0306KPX7R5BB121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
SURFACE-MOUNT CERAMIC
MULTILAYER CAPACITORS
Low-Inductance
X5R / X7R
6.3 V TO 50 V
10 nF to 1 uF
RoHS compliant & Halogen Free


Similar Part No. - CL0306KPX7R5BB121

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CL03 NJSEMI-CL03 Datasheet
45Kb / 1P
   High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
CL03-08 GETEDZ-CL03-08 Datasheet
80Kb / 1P
   8kV 400mA HIGH VOLTAGE DIODE
CL03-08 GETEDZ-CL03-08 Datasheet
516Kb / 2P
   High Voltage Medium Current Fast Recovery Diode
logo
Anshan Leadsun Electron...
CL03-08T LEADSUN-CL03-08T Datasheet
335Kb / 1P
   High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
CL03-08 GETEDZ-CL03-08_1 Datasheet
516Kb / 2P
   High Voltage Medium Current Fast Recovery Diode
More results

Similar Description - CL0306KPX7R5BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com