Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH532MAC4330M2 Datasheet(PDF) 7 Page - Kemet Corporation

Part # PEH532MAC4330M2
Description  Snap-In Aluminum Electrolytic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH532MAC4330M2 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button PEH532MAC4330M2 Datasheet HTML 3Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 4Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 5Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 6Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 7Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 8Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 9Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 10Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4023_PEH532 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – PEH532, +105ºC
Table 1 – Ratings & Part Number Reference
(1) Termination code: See Termination Tables for available options.
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
Maximum
ESR Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
105°C (A)
20 kHz
40°C (A)
100 Hz
20°C (mΩ)
100 kHz
20°C (mΩ)
35
3300
AC
22 x 30
1.9
5.1
110
93
PEH532JAC4330M(1)
35
3900
AC
22 x 30
2.0
5.4
97
83
PEH532JAC4390M(1)
35
4700
AD
22 x 35
2.3
6.2
80
67
PEH532JAD4470M(1)
35
4700
BC
25 x 30
2.1
5.8
86
74
PEH532JBC4470M(1)
35
5600
AE
22 x 40
2.6
7.1
67
56
PEH532JAE4560M(1)
35
5600
BC
25 x 30
2.2
5.9
78
68
PEH532JBC4560M(1)
35
6800
AE
22 x 40
2.8
7.5
58
50
PEH532JAE4680M(1)
35
6800
BD
25 x 35
2.6
7.0
63
54
PEH532JBD4680M(1)
35
6800
CC
30 x 30
3.1
8.4
54
46
PEH532JCC4680M(1)
35
8200
AG
22 x 50
3.3
8.8
47
40
PEH532JAG4820M(1)
35
8200
BE
25 x 40
2.9
8.0
52
45
PEH532JBE4820M(1)
35
8200
CC
30 x 30
3.3
8.8
47
40
PEH532JCC4820M(1)
35
10000
BF
25 x 45
3.3
9.0
43
38
PEH532JBF5100M(1)
35
10000
CD
30 x 35
3.8
10.3
38
32
PEH532JCD5100M(1)
35
10000
DC
35 x 30
3.6
9.6
42
36
PEH532JDC5100M(1)
35
12000
BG
25 x 50
3.6
9.9
37
32
PEH532JBG5120M(1)
35
12000
CE
30 x 40
4.4
11.7
32
27
PEH532JCE5120M(1)
35
12000
DC
35 x 30
3.6
9.7
38
33
PEH532JDC5120M(1)
35
15000
CF
30 x 45
5.0
13.3
26
22
PEH532JCF5150M(1)
35
15000
DD
35 x 35
4.2
11.5
30
26
PEH532JDD5150M(1)
35
18000
DE
35 x 40
4.9
13.2
25
22
PEH532JDE5180M(1)
35
22000
DF
35 x 45
5.4
14.8
21
18
PEH532JDF5220M(1)
35
27000
DG
35 x 50
5.9
16.3
18
16
PEH532JDG5270M(1)
63
1200
AB
22 x 25
1.3
3.7
160
120
PEH532MAB4120M(1)
63
1500
AC
22 x 30
1.6
4.4
120
90
PEH532MAC4150M(1)
63
1800
AC
22 x 30
1.7
4.7
110
79
PEH532MAC4180M(1)
63
2200
AD
22 x 35
2.0
5.5
88
64
PEH532MAD4220M(1)
63
2200
BC
25 x 30
1.9
5.2
95
71
PEH532MBC4220M(1)
63
2700
AE
22 x 40
2.3
6.3
72
52
PEH532MAE4270M(1)
63
2700
BD
25 x 35
2.2
6.1
76
56
PEH532MBD4270M(1)
63
3300
AG
22 x 50
2.7
7.4
58
42
PEH532MAG4330M(1)
63
3300
BE
25 x 40
2.5
7.0
62
46
PEH532MBE4330M(1)
63
3300
CC
30 x 30
2.7
7.4
58
42
PEH532MCC4330M(1)
63
3900
BF
25 x 45
2.8
7.8
53
40
PEH532MBF4390M(1)
63
3900
CD
30 x 35
3.1
8.5
48
35
PEH532MCD4390M(1)
63
4700
BG
25 x 50
3.1
8.7
45
34
PEH532MBG4470M(1)
63
4700
CE
30 x 40
3.6
9.7
40
29
PEH532MCE4470M(1)
63
4700
DC
35 x 30
3.1
8.5
46
34
PEH532MDC4470M(1)
63
5600
CE
30 x 40
3.8
10.3
35
26
PEH532MCE4560M(1)
63
5600
DD
35 x 35
3.7
10.1
37
28
PEH532MDD4560M(1)
63
6800
CF
30 x 45
4.3
11.7
29
22
PEH532MCF4680M(1)
63
6800
DE
35 x 40
4.2
11.5
31
23
PEH532MDE4680M(1)
63
8200
DF
35 x 45
4.7
13.0
26
19
PEH532MDF4820M(1)
63
10000
DG
35 x 50
5.2
14.4
22
17
PEH532MDG5100M(1)
100
560
AB
22 x 25
1.0
2.6
380
290
PEH532PAB3560M(1)
100
680
AC
22 x 30
1.1
3.1
300
240
PEH532PAC3680M(1)
100
680
BB
25 x 25
1.1
2.9
320
250
PEH532PBB3680M(1)
100
820
AD
22 x 35
1.3
3.5
250
190
PEH532PAD3820M(1)
100
820
BC
25 x 30
1.3
3.5
260
200
PEH532PBC3820M(1)
100
1000
AE
22 x 40
1.5
4.0
210
160
PEH532PAE4100M(1)
100
1000
BC
25 x 30
1.4
3.8
220
170
PEH532PBC4100M(1)
100
1200
AE
22 x 40
1.6
4.4
170
140
PEH532PAE4120M(1)
100
1200
BD
25 x 35
1.6
4.4
180
140
PEH532PBD4120M(1)
100
1500
AF
22 x 45
1.9
5.0
140
110
PEH532PAF4150M(1)
100
1500
BE
25 x 40
1.9
5.0
140
110
PEH532PBE4150M(1)
100
1800
BF
25 x 45
2.1
5.7
120
95
PEH532PBF4180M(1)
100
1800
CD
30 x 35
2.2
6.0
120
90
PEH532PCD4180M(1)
100
2200
BG
25 x 50
2.4
6.4
99
78
PEH532PBG4220M(1)
100
2200
CE
30 x 40
2.6
6.9
95
73
PEH532PCE4220M(1)
100
2200
DC
35 x 30
2.4
6.4
100
79
PEH532PDC4220M(1)
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Part Number


Similar Part No. - PEH532MAC4330M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532 KEMET-PEH532 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH532 KEMET-PEH532 Datasheet
862Kb / 7P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH532RAC3270M2 KEMET-PEH532RAC3270M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 270 uF, 20%, 200 V, -40/105C
PEH532RDF4150M2 KEMET-PEH532RDF4150M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 1500 uF, 20%, 200 V, -40/105C
PEH532VAC3100M2 KEMET-PEH532VAC3100M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 100 uF, 20%, 400 V, -40/105C
More results

Similar Description - PEH532MAC4330M2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com