Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH532MAC4330M2 Datasheet(PDF) 10 Page - Kemet Corporation

Part # PEH532MAC4330M2
Description  Snap-In Aluminum Electrolytic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH532MAC4330M2 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button PEH532MAC4330M2 Datasheet HTML 4Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 5Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 6Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 7Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 8Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 9Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 10Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 11Page - Kemet Corporation PEH532MAC4330M2 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4023_PEH532 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – PEH532, +105ºC
Mechanical Data
The capacitor may be mounted in any position. PEH532 is supplied with an insulation sleeve. Voltage proof of the insulation
sleeve = 2.5 kVDC (1 minute). The minus pole is marked on the case surface. UL recognized sleeving is available for custom
parts in this range, upon request. (UL No. E358957)
Marking
KEMET Logo
Rated Capacitance,
Rated Voltage (VDC)
Part Number Code
Operating Temperature
Date of Manufacture,
Batch Number
Polarity Stripe (−)
(Not Shown)
Construction
Detailed Cross Section
Margin
Termination Pin (+)
Rubber Seal
Rubber Seal
Insulating Sleeve
Aluminum Can
with Safety Vent
Laser Welded
Terminal Tabs
Termination Pin
Laser Welded
Terminal Tab
Aluminum Can
Insulating Sleeve
Polarity Stripe (−)
(Not Shown)
Insulating End Disc
Termination Pin (−)
Paper Spacer Impregnated
with Electrolyte
(First Layer)
Paper Spacer Impregnated
with Electrolyte
(Third Layer)
Anode Aluminum Foil, Etched,
Covered with Aluminum Oxide
(Fourth Layer)
Cathode Aluminum Foil,
Etched (Second Layer)


Similar Part No. - PEH532MAC4330M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532 KEMET-PEH532 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH532 KEMET-PEH532 Datasheet
862Kb / 7P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH532RAC3270M2 KEMET-PEH532RAC3270M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 270 uF, 20%, 200 V, -40/105C
PEH532RDF4150M2 KEMET-PEH532RDF4150M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 1500 uF, 20%, 200 V, -40/105C
PEH532VAC3100M2 KEMET-PEH532VAC3100M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 100 uF, 20%, 400 V, -40/105C
More results

Similar Description - PEH532MAC4330M2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com