Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH532RAC4330M2 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PEH532RAC4330M2
Description  Snap-In Aluminum Electrolytic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH532RAC4330M2 Datasheet(HTML) 4 Page - Kemet Corporation

  PEH532RAC4330M2 Datasheet HTML 1Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 2Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 3Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 4Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 5Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 6Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 7Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 8Page - Kemet Corporation PEH532RAC4330M2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4023_PEH532 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – PEH532, +105ºC
Termination Tables
Termination Code
2
2S
3
4
4S
Diameter (mm)
22
25
30
35
Mounting: These capacitors are designed to be mounted by their terminations alone and may be used in any
position. Dummy pins on 4-pin decks must be isolated.
Termination
Code
Termination
Style
LL
±1
Standard Termination Option
2
2 Pin
6.3
Other Termination Options
2S
2 Pin
4
3
3 Pin
4
4
4 Pin
6.3
4S
4 Pin
4
Dimensions in mm
L
SIDE VIEW
TERMINAL
END VIEW
D
PCB LAYOUT
2 ±0.1
Style 2/2S
L
SIDE VIEW
TERMINAL
END VIEW
D
5.8 ±1
PCB LAYOUT
4.75 ±0.1
Style 3
L
SIDE VIEW
TERMINAL
END VIEW
D
5.8 ±1
PCB LAYOUT
Style 4/4S
LL
10 ±0.1
10 ±0.1
+
-
3.3 ±0.1
Ø2.5 Minimum
+ ve
Ø2 ±0.1 Typical
+
-
30°
30°
- ve
4 Holes Ø2 ±0.1
on a Ø22.5 PCD
+ ve


Similar Part No. - PEH532RAC4330M2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532RAC3270M2 KEMET-PEH532RAC3270M2 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, PEH532, 270 uF, 20%, 200 V, -40/105C
More results

Similar Description - PEH532RAC4330M2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com