Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R75GR44704030J Datasheet(PDF) 1 Page - Kemet Corporation

Part # R75GR44704030J
Description  Film, Metallized Polypropylene, Commercial Grade, R75, 4.7 uF, 5%, 160 V, 85C, Lead Spacing = 27.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75GR44704030J Datasheet(HTML) 1 Page - Kemet Corporation

  R75GR44704030J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 3c1a5201-3069-4932-b894-a692b238217c
KEMET Part Number: R75GR44704030J
(75GR44704030J)
Film, Metallized Polypropylene, Commercial Grade, R75, 4.7 uF, 5%, 160 V, 85C, Lead Spacing = 27.5mm
Dimensions
L
32mm +0.3mm
H
25mm +0.1mm
T
13mm +0.2mm
S
27.5mm +/-0.4mm
LL
30mm +5mm
F
0.8mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 288
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: R75
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 4.7 uF
Capacitance Tolerance: 5%
Voltage DC: 160 VDC
Voltage AC: 90 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.06% 1kHz
Insulation Resistance: 6.383 GOhms
Max dVdt: 50 V
Inductance: 18 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R75GR44704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75GR433050H0J KEMET-R75GR433050H0J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 3.3 uF, 5%, 160 VDC, 105째C, Lead Spacing = 27.5mm
R75GR4330CK00J KEMET-R75GR4330CK00J Datasheet
238Kb / 1P
   R75, Film, Metallized Polypropylene, General Purpose, 3.3 uF, 5%, 160 VDC, 85°C, Lead Spacing = 27.5mm
R75GR468050H0J KEMET-R75GR468050H0J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 6.8 uF, 5%, 160 VDC, 105째C, Lead Spacing = 27.5mm
More results

Similar Description - R75GR44704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75MR44704030J KEMET-R75MR44704030J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 4.7 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
R75IR4470AA50J KEMET-R75IR4470AA50J Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 4.7 uF, 5%, 250 V, 85C, Lead Spacing = 27.5mm
R75MR42204040J KEMET-R75MR42204040J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 2.2 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
R75TR32204040J KEMET-R75TR32204040J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.22 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
R75PR42204030J KEMET-R75PR42204030J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 2.2 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
R75MR41004040J KEMET-R75MR41004040J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
R75PR41004030J KEMET-R75PR41004030J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 1 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
R75PR34704040J KEMET-R75PR34704040J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
R75UR31004030J KEMET-R75UR31004030J Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 0.1 uF, 5%, 2,000 V, 85C, Lead Spacing = 27.5mm
R75MR4220AA40J KEMET-R75MR4220AA40J Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R75, 2.2 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com