Electronic Components Datasheet Search |
|
CL0306KRX5R8BB121 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
CL0306KRX5R8BB121 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 13 page www.yageo.com Nov. 21, 2016 V.1 Surface-Mount Ceramic Multilayer Capacitors 2 13 Product specification Low Inductance X5R, X7R 6.3V to 50V ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP CTC All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) CL XXXX X X XXX X BB XXX (1) (2) (3) (4) (5) (6) (1) SIZE – INCH BASED (METRIC) 0204(0510) 0306(0816) 0508(1220) 0612(1632) (2) TOLERANCE K = ± 10% M = ± 20% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch (4) TC MATERIAL X5R / X7R (5) RATED VOLTAGE 5 = 6.3 V 6 = 10 V 7 = 16 V 8 = 25 V 9 = 50 V (6) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 121 = 12 x 101 = 120 pF SCOPE This specification describes Mid- voltage X7R series chip capacitors with lead-free terminations APPLICATIONS High speed IC packages Processor package decoupling AC noise reduction in multi-chip modules. FEATURES Supplied in tape on reel Nickel-barrier end termination RoHS compliant Halogen Free compliant |
Similar Part No. - CL0306KRX5R8BB121 |
|
Similar Description - CL0306KRX5R8BB121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |