Electronic Components Datasheet Search |
|
CL0306KRX5R9BB121 Datasheet(PDF) 11 Page - YAGEO Corporation |
|
CL0306KRX5R9BB121 Datasheet(HTML) 11 Page - YAGEO Corporation |
11 / 13 page www.yageo.com Nov. 21, 2016 V.1 Surface-Mount Ceramic Multilayer Capacitors 11 13 Product specification Low Inductance X5R, X7R 6.3V to 50V TEST TEST METHOD PROCEDURE REQUIREMENTS Damp Heat with Ur load 4.13 1. Preconditioning, class 2 only: 150 +0/-10 °C /1 hour, then keep for 24 ± 1 hour at room temp 2. Initial measure: Spec: refer initial spec C, D, IR 3. Damp heat test: 500 ± 12 hours at 40 ±2 °C; 90 to 95% R.H; 1.0 Ur applied. 4. Recovery: Class 1: 6 to 24 hours Class 2: 24 ± 2 hours 5. Final measure: C, D, IR P.S. If the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to “IEC 60384 4.1” and then the requirement shall be met. No visual damage after recovery ∆C/C Class2: X7R/X5R : ± 20% D.F. Class2: X7R/X5R : ≤ 2 x specified value Rins Class2: X7R/X5R : ≥ 500 MΩ or Rins x Cr ≥ 25s whichever is less Δ C/C Class2: X7R/X5R : ± 25% D.F. Class2: X7R/X5R : ≤ 2 x specified value Rins Rins x Cr ≥ 25Ω· F |
Similar Part No. - CL0306KRX5R9BB121 |
|
Similar Description - CL0306KRX5R9BB121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |