Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA1210K801R017 Datasheet(PDF) 1 Page - Kemet Corporation

Part # VA1210K801R017
Description  Surface Mount Varistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VA1210K801R017 Datasheet(HTML) 1 Page - Kemet Corporation

  VA1210K801R017 Datasheet HTML 1Page - Kemet Corporation VA1210K801R017 Datasheet HTML 2Page - Kemet Corporation VA1210K801R017 Datasheet HTML 3Page - Kemet Corporation VA1210K801R017 Datasheet HTML 4Page - Kemet Corporation VA1210K801R017 Datasheet HTML 5Page - Kemet Corporation VA1210K801R017 Datasheet HTML 6Page - Kemet Corporation VA1210K801R017 Datasheet HTML 7Page - Kemet Corporation VA1210K801R017 Datasheet HTML 8Page - Kemet Corporation VA1210K801R017 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0001_VA • 10/25/2016
One world. One KEMET
Benefits
• Surface mount form factor
• Operatingambienttemperatureof−55°Cto+125°C
• Supply voltage 12 V, 24 and 42 V
• Operating voltage range of 16 to 56 VDC
• Available case sizes: 0805, 1206, 1210, 1812, 2220
• Near zero inductance for the fastest speed of response to
transient surges
• Broad range of current and energy handling capabilities
• Low clamping voltage – Uc
• Non-plasticcoatingguaranteesimprovedflammability
rating
• Non-sensitivetomildlyactivatedfluxes
• Barrier type end terminations solderable with Pb-free
solders according to JEDEC J–STD–020C and IEC
60068–2–58
• RoHS 2 2011/65/EC, REACH compliant
• AEC-Q200qualifiedGrade1
Overview
KEMET's VA series of varistors are transient suppressors
with temperature independent suppression characteristics
enablingprotectionfrom−55°Cto+125°C.
VA varistors offer excellent transient energy distribution and
requiresignificantlylessspaceandpadareathansilicon
TVSdiodes,offeringgreatercircuitboardlayoutflexibility
for the designer.
Applications
Typical applications include almost all-electronic systems
in an automobile, anti-lock brake system, direct ignition
system, airbag control system, wiper motors and air
conditioning systems that are susceptible to damage from
destructive voltage transients.
Surface Mount Varistors
VA Series Automotive Grade 125°C
Ordering Information
VA
0805
K
121
R
014
Series
Chip
Size Code
Tolerances
Rated Peak Single Pulse
Transient Current (A)
Packaging/
Termination
Maximum Continuous
Working Voltage
(Vrms AC)
Varistor
SMD125°C
Automotive
Multilayer Chip
0805 = 0805
1206 = 1206
1210 = 1210
1812 = 1812
2220 = 2220
K = ±10%
121 = 120
201 = 200
401 = 400
801 = 800
122 = 1,200
(First two digits represent
significantfigures.Thirddigit
specifiesnumberofzeros.)
R = Reel 180 mm/Ni Sn
Barrier Terminations
12 V Power Supply
014 = 14
017 = 17
24 V Power Supply
020 = 20
030 = 30
42 V Power Supply
040 = 40
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - VA1210K801R017

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VA10 NJSEMI-VA10 Datasheet
102Kb / 1P
   These rectifiers offer high voltage ranges in minimum-sized
logo
AVX Corporation
VA100003A100 AVX-VA100003A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100003A100 AVX-VA100003A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100003A100 AVX-VA100003A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100003A100 AVX-VA100003A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VA1210K801R017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com