Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA1812K401R030 Datasheet(PDF) 2 Page - Kemet Corporation

Part # VA1812K401R030
Description  Surface Mount Varistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VA1812K401R030 Datasheet(HTML) 2 Page - Kemet Corporation

  VA1812K401R030 Datasheet HTML 1Page - Kemet Corporation VA1812K401R030 Datasheet HTML 2Page - Kemet Corporation VA1812K401R030 Datasheet HTML 3Page - Kemet Corporation VA1812K401R030 Datasheet HTML 4Page - Kemet Corporation VA1812K401R030 Datasheet HTML 5Page - Kemet Corporation VA1812K401R030 Datasheet HTML 6Page - Kemet Corporation VA1812K401R030 Datasheet HTML 7Page - Kemet Corporation VA1812K401R030 Datasheet HTML 8Page - Kemet Corporation VA1812K401R030 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0001_VA • 10/25/2016
Surface Mount Varistors
VA Series Automotive Grade 125°C
Dimensions – Millimeters
W
L
0.5±0.25
t
Size Code
L
W
t
max
0805
2.0±0.25
1.25±0.20
1.0
1206
3.2±0.30
1.60±0.20
1.2
1210
3.2±0.30
2.50±0.25
1.3
1812
4.7±0.40
3.2±0.30
1.3
2220
5.7±0.50
5.00±0.40
1.4
Environmental Compliance
RoHS 2 2011/65/EC, REACH


Similar Part No. - VA1812K401R030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA1812K801R030 KEMET-VA1812K801R030 Datasheet
53Kb / 1P
   Varistors, VA, Automotive, 34 V, 30 VAC, 47 V, 50 V, 77 V, 5 Amps, 800 Amps, 3.8 J, 6 J, 15 mW
More results

Similar Description - VA1812K401R030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com