Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T510E477K035ATE8007280 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T510E477K035ATE8007280
Description  T510 Series Multiple Anode MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510E477K035ATE8007280 Datasheet(HTML) 5 Page - Kemet Corporation

  T510E477K035ATE8007280 Datasheet HTML 1Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 2Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 3Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 4Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 5Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 6Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 7Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 8Page - Kemet Corporation T510E477K035ATE8007280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2014_T510 • 9/21/2016
55
Tantalum Surface Mount Capacitors – Low ESR
T510 Series Multiple Anode MnO
2
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Cap
Case
Code/
Case
Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC @ 85ºC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ 20ºC
100 kHz
Max
mA @ +25ºC
100 kHz
mA @
+85ºC 100
kHz
mA @ +125ºC
100 kHz
ºC
Reflow
Temp
≤ 260ºC
4
680
X/7343-43
T510X687(1)004A(2)E030
27.2
6.0
30
3000
2700
1200
125
1
4
1000
X/7343-43
T510X108(1)004A(2)E018
40.0
6.0
18
3873
3486
1549
125
1
4
1000
X/7343-43
T510X108(1)004A(2)E023
40.0
6.0
23
3426
3083
1370
125
1
4
1000
X/7343-43
T510X108(1)004A(2)E030
40.0
6.0
30
3000
2700
1200
125
1
4
1000
X/7343-43
T510X108(1)004A(2)E035
40.0
6.0
35
2777
2499
1111
125
1
4
1000
E/7360-38
T510E108(1)004A(2)E018
40.0
6.0
18
3979
3581
1592
125
1
4
1000
E/7360-38
T510E108(1)004A(2)E010
40.0
6.0
10
5339
4805
2136
125
1
6.3
470
X/7343-43
T510X477(1)006A(2)E030
29.6
6.0
30
3000
2700
1200
125
1
6.3
680
X/7343-43
T510X687(1)006A(2)E023
42.8
6.0
23
3426
3083
1370
125
1
6.3
680
X/7343-43
T510X687(1)006A(2)E045
42.8
12.0
45
2449
2204
980
125
1
6.3
680
E/7360-38
T510E687(1)006A(2)E023
42.8
6.0
23
3520
3168
1408
125
1
6.3
680
E/7360-38
T510E687(1)006A(2)E012
42.8
6.0
12
4873
4386
1949
125
1
10
330
X/7343-43
T510X337(1)010A(2)E035
33.0
6.0
35
2777
2499
1111
125
1
16
150
X/7343-43
T510X157(1)016A(2)E030
24.0
6.0
30
3000
2700
1200
125
1
16
150
X/7343-43
T510X157(1)016A(2)E040
24.0
6.0
40
2598
2338
1039
125
1
16
220
X/7343-43
T510X227(1)016A(2)E040
35.2
10.0
40
2598
2338
1039
125
1
16
220
X/7343-43
T510X227(1)016A(2)E025
35.2
10.0
25
3286
2957
1314
125
1
20
68
X/7343-43
T510X686(1)020A(2)E055
14.0
6.0
55
2216
1994
886
125
1
20
68
X/7343-43
T510X686(1)020A(2)E045
14.0
6.0
45
2449
2204
980
125
1
20
100
X/7343-43
T510X107(1)020A(2)E035
20.0
8.0
35
2777
2499
1111
125
1
20
100
X/7343-43
T510X107(1)020A(2)E040
20.0
6.0
40
2598
2338
1039
125
1
20
100
X/7343-43
T510X107(1)020A(2)E045
20.0
6.0
45
2449
2204
980
125
1
20
100
X/7343-43
T510X107(1)020A(2)E055
20.0
6.0
55
2216
1994
886
125
1
25
68
X/7343-43
T510X686(1)025A(2)
E045
17.0
8.0
45
2449
2204
980
125
1
25
100
E/7360-38
T510E107(1)025A(2)E050
25.0
8.0
50
2387
2148
955
125
1
35
22
X/7343-43
T510X226(1)035A(2)E100
7.7
6.0
100
1643
1479
657
125
1
35
22
X/7343-43
T510X226(1)035A(2)
E080
7.7
6.0
80
1837
1653
735
125
1
35
22
X/7343-43
T510X226(1)035A(2)
E060
7.7
6.0
60
2121
1909
848
125
1
35
33
X/7343-43
T510X336(1)035A(2)E065
11.6
6.0
65
2038
1834
815
125
1
35
33
X/7343-43
T510X336(1)035A(2)E050
11.6
6.0
50
2324
2092
930
125
1
35
47
X/7343-43
T510X476(1)035A(2)E055
16.5
8.0
55
2216
1994
886
125
1
35
47
X/7343-43
T510X476(1)035A(2)E065
16.5
8.0
65
2038
1834
815
125
1
35
47
E/7360-38
T510E476(1)035A(2)E050
16.5
8.0
50
2387
2148
955
125
1
50
10
X/7343-43
T510X106(1)050A(2)E120
5.0
8.0
120
1500
1350
600
125
1
50
10
X/7343-43
T510X106(1)050A(2)E090
5.0
8.0
90
1732
1559
693
125
1
50
22
X/7343-43
T510X226(1)050A(2)E100
11.0
8.0
100
1643
1479
657
125
1
50
22
X/7343-43
T510X226(1)050A(2)E075
11.0
8.0
75
1897
1707
759
125
1
VDC @ 85ºC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Max/5 Min
% @ +20ºC
120 Hz Max
mΩ @ 20ºC
100 kHz
Max
mA @ +25ºC
100 kHz
mA @
+85ºC 100
kHz
mA @ +125ºC
100 kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum).
Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T510E477K035ATE8007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510E477K035ATE030 KEMET-T510E477K035ATE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T510E477K035ATE8007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
T510E107K025ATE050 KEMET-T510E107K025ATE050 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 10%, 25 V, 7360, SMD, MnO2, Molded, Large Case, Multi-Anode, LowESR, 50 mOhms, 3.8mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com