Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P561EE103J300A Datasheet(PDF) 10 Page - Kemet Corporation

Part # P561EE103J300A
Description  PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P561EE103J300A Datasheet(HTML) 10 Page - Kemet Corporation

Back Button P561EE103J300A Datasheet HTML 5Page - Kemet Corporation P561EE103J300A Datasheet HTML 6Page - Kemet Corporation P561EE103J300A Datasheet HTML 7Page - Kemet Corporation P561EE103J300A Datasheet HTML 8Page - Kemet Corporation P561EE103J300A Datasheet HTML 9Page - Kemet Corporation P561EE103J300A Datasheet HTML 10Page - Kemet Corporation P561EE103J300A Datasheet HTML 11Page - Kemet Corporation P561EE103J300A Datasheet HTML 12Page - Kemet Corporation P561EE103J300A Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3070_PME261 • 9/23/2016 10
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PME261 Series Metallized Impregnated Paper, 10.2 – 25.4 mm Lead Spacing, 400 – 1,000 VDC
Packaging Quantities
Lead Spacing
(mm)
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short Leads
Bulk
Long Leads
Standard Reel
ø 360 mm
Large Reel
ø 500 mm
Ammo
Formed
10.2
3.9
7.5
13.5
2000
1000
700
1400
800
4.1
8.2
13.5
2000
1000
600
780
5.1
10.5
13.5
1600
800
600
1200
630
15.2
5.5
12.5
18
1000
500
600
6.5
12.5
18
600
400
400
7.5
14.5
18
600
400
400
8.5
16
18
400
250
400
5.2
10.5
18.5
1000
500
600
5.5
11
18.5
1000
500
500
6
12.5
18.5
600
400
400
7.3
13
18.5
600
400
400
800
7.8
13.5
18.5
600
400
400
8.5
14.3
18.5
500
300
350
20.3
7.6
14
24
1500
250
250
500
8.4
14
24
1200
200
250
500
9
15
24
1500
200
250
11.3
16.5
24
1000
150
180
400
25.4
10.6
16.1
30.5
1000
150
10.5
17.3
30.5
1000
100
12.1
19
30.5
800
100
15.3
22
30.5
600
75


Similar Part No. - P561EE103J300A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-006-SLI TRIPPLITE-P561-006-SLI Datasheet
169Kb / 2P
   DVI Single Link Cable, Digital and Analog TMDS Monitor Cable (DVI-I M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
More results

Similar Description - P561EE103J300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME261KA5220KR19T0 KEMET-PME261KA5220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 400 VDC, 85C, Lead Spacing = 10.2mm
PME261KE6680KR30 KEMET-PME261KE6680KR30 Datasheet
55Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.68 uF, 10%, 400 VDC, 85C, Lead Spacing = 25.4mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KE7100KR30 KEMET-PME261KE7100KR30 Datasheet
54Kb / 1P
   Capacitor, Film, Metallized Paper, 1 uF, /-10% Tol, -40/100C, General Purpose, 400 VDC@85C, Lead Spacing=25.4 mm
PME261JC6100KR30 KEMET-PME261JC6100KR30 Datasheet
53Kb / 1P
   PME261/P561, Film, Metallized Paper, Commercial Grade, 0.1 uF, 10%, 1,000 V, 85C, Lead Spacing = 20.3mm
PME261JB5220KR30 KEMET-PME261JB5220KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.022 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
PME261JB5100KR30 KEMET-PME261JB5100KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.01 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com