Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P561HE103K300A Datasheet(PDF) 1 Page - Kemet Corporation

Part # P561HE103K300A
Description  PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P561HE103K300A Datasheet(HTML) 1 Page - Kemet Corporation

  P561HE103K300A Datasheet HTML 1Page - Kemet Corporation P561HE103K300A Datasheet HTML 2Page - Kemet Corporation P561HE103K300A Datasheet HTML 3Page - Kemet Corporation P561HE103K300A Datasheet HTML 4Page - Kemet Corporation P561HE103K300A Datasheet HTML 5Page - Kemet Corporation P561HE103K300A Datasheet HTML 6Page - Kemet Corporation P561HE103K300A Datasheet HTML 7Page - Kemet Corporation P561HE103K300A Datasheet HTML 8Page - Kemet Corporation P561HE103K300A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3070_PME261 • 9/23/2016
1
One world. One KEMET
Benefits
• Voltage range: 400 – 1,000 VDC; 220 – 500 VAC
• Capacitance range: 0.001 – 1 µF
• Lead spacing: 10.2 – 25.4 mm
• Capacitance tolerance: ±10%, ±20%, ±5% on request
• Climatic category: 40/70/56, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof-40˚Cto+70˚CinAC
applications
Overview
The PME261 Series is constructed of multilayer metallized
paper, encapsulated and impregnated in self-extinguishing
material meeting the requirements of UL 94 V–0.
Applications
For general use in DC and low frequency pulse applications.
General Purpose, Pulse and DC Transient Suppression
PME261 Series Metallized Impregnated Paper,
10.2 – 25.4 mm Lead Spacing, 400 – 1,000 VDC
Legacy Part Number System
PME261
K
A
5100
K
R30
Series
Rated Voltage (VAC)
Lead Spacing (mm)
Capacitance Code (pF)
Capacitance
Tolerance
Packaging
Metallized Paper
K = 220
E = 300
J = 500
A = 10.2
B = 15.2
C = 20.3
E = 25.4
The last three digits
representsignificant
figures.Firstdigit
specifiesthetotal
number of digits in the
capacitance value.
J = ±5%
K = ±10%
M = ±20%
See Ordering
Options Table
New KEMET Part Number System
P
561
H
E
103
K
220
A
Capacitor
Class
Series
Lead Spacing
(mm)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VAC)
Packaging
P = Paper
Metallized
Paper
General
Purpose
H = 10.2
Q = 15.2
C = 20.3
E = 25.4
See
Dimension
Table
First two digits indicate the two
mostsignificantdigitsofthe
capacitance value in picofarads.
The third digit is the number of
following zeroes.
J = ±5%
K = ±10%
M = ±20%
220 = 220
300 = 300
500 = 500
See Ordering
Options
Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - P561HE103K300A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-006-SLI TRIPPLITE-P561-006-SLI Datasheet
169Kb / 2P
   DVI Single Link Cable, Digital and Analog TMDS Monitor Cable (DVI-I M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
More results

Similar Description - P561HE103K300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME261KA5220KR19T0 KEMET-PME261KA5220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 400 VDC, 85C, Lead Spacing = 10.2mm
PME261KE6680KR30 KEMET-PME261KE6680KR30 Datasheet
55Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.68 uF, 10%, 400 VDC, 85C, Lead Spacing = 25.4mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KE7100KR30 KEMET-PME261KE7100KR30 Datasheet
54Kb / 1P
   Capacitor, Film, Metallized Paper, 1 uF, /-10% Tol, -40/100C, General Purpose, 400 VDC@85C, Lead Spacing=25.4 mm
PME261JC6100KR30 KEMET-PME261JC6100KR30 Datasheet
53Kb / 1P
   PME261/P561, Film, Metallized Paper, Commercial Grade, 0.1 uF, 10%, 1,000 V, 85C, Lead Spacing = 20.3mm
PME261JB5220KR30 KEMET-PME261JB5220KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.022 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
PME261JB5100KR30 KEMET-PME261JB5100KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.01 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com